Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5506ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
ADL5506
SPECIFICATIONS
analog.com
Rev. C | 4 of 22
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
100 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
46
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
2
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
−44
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.15/−0.52
dB
−40°C < TA < +85°C; PIN = −10 dBm
+0.7/−0.92
dB
Logarithmic Slope
Calibration at −30 dBm and −10 dBm
17.7
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −10 dBm
−53.7
dBm
Output Voltage—High Power Input
PIN = −10 dBm
774
mV
Output Voltage—Low Power Input
PIN = −30 dBm
420
mV
450 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
45
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −8 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −8 dBm
−44
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.3/−0.52
dB
−40°C < TA < +85°C; PIN = −10 dBm
+0.6/−0.92
dB
Logarithmic Slope
Calibration at −30 dBm and −10 dBm
18.4
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −10 dBm
−53.2
dBm
Output Voltage—High Power Input
PIN = −10 dBm
797
mV
Output Voltage—Low Power Input
PIN = −30 dBm
428
mV
900 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
45
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
−44
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.3/−0.52
dB
−40°C < TA < +85°C; PIN = −10 dBm
+0.6/−0.82
dB
Logarithmic Slope
Calibration at −30 dBm and −10 dBm
18.2
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −10 dBm
−54
dBm
Output Voltage—High Power Input
PIN = −10 dBm
798
mV
Output Voltage—Low Power Input
PIN = −30 dBm
435
mV
1900 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
46
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
2
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
−44
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.1/−0.42
dB
−40°C < TA < +85°C; PIN = −10 dBm
+0.2/−0.72
dB
Logarithmic Slope
Calibration at −30 dBm and −10 dBm
17.5
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −10 dBm
−55.5
dBm
Output Voltage—High Power Input
PIN = −10 dBm
797
mV
Output Voltage—Low Power Input
PIN = −30 dBm
446
mV
2140 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
45
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −40 dBm, −30 dBm, and −10 dBm
−44
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com