Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADL5506
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 7 of 22
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Ball Grid Crd. Mnemonic
Description
1
A1
CFLT
Connection for an External Capacitor, CFLT, to Reduce the Modulation Content from the Output Voltage. It also slows the
response of the output and reduces the noise seen on the output. The capacitor is connected between CFLT and VLOG. See
the Filter Capacitor section for choosing the correct CFLT value.
2
B1
VPOS
Positive Supply. The positive supply voltage (VPOS) range is from 2.5 V to 5.5 V. Use decoupling capacitors near this pin on the
printed circuit board.
3
C1
RFIN
RF Input. 5 pF ac coupling capacitor on chip. Connect a 52.3 Ω shunt resistor near this pin for broadband 50 Ω match. See the
Input Coupling Options section for more matching options.
4
C2
COMM
Device Common (Ground). Connect this pin to system ground using a low impedance path.
5
B2
VLOG
Logarithmic Output. The output voltage (VLog) increases with increasing input amplitude. The output is proportional to the
logarithm of the input signal level.
6
A2
ENBL
Device Enable. Connect the ENBL pin to a logic high (1.2 V to VPOS) to enable the device. Connect the ENBL pin to a logic low
(0 V to 0.5 V) to disable the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com