Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
ADL5506
THEORY OF OPERATION
analog.com
Rev. C | 15 of 22
The ADL5506 is a logarithmic detector (log amp), based on the
principle of successive compression. It is similar in design to the
AD8312 and is fabricated on an advanced BiCMOS process. It
comes in a smaller 0.8 mm × 1.2 mm WLCSP package and offers
4.5 GHz RF bandwidth. Figure 41 shows the main features of the
ADL5506 in block schematic form.
The ADL5506 combines two key functions needed for the measure-
ment of signal level over a moderately wide dynamic range. First,
it provides the amplification needed to respond to small signals in
a chain of four amplifier/limiter cells, each having a small signal
gain of 10 dB and a bandwidth of approximately 4.5 GHz. At the
output of each amplifier stage is a full wave rectifier, essentially a
square law detector cell that converts the RF signal voltages to a
fluctuating current with an average value that increases with signal
level. A further passive detector stage is added preceding the first
stage. Therefore, there are five detectors, each separated by 10
dB, spanning about 50 dB of dynamic range. The overall accuracy
at the extremes of this total range, viewed as the deviation from an
ideal logarithmic response, that is, the log conformance error, can
be judged by referencing Figure 5, Figure 7, and Figure 8, which
show that errors across the central 40 dB are moderate. These
figures show how the conformance to an ideal logarithmic function
varies with temperature, frequency, and supply voltage.
The output of these detector cells is in the form of a differential
current, making their summation a simple matter. It can easily be
shown that such summation closely approximates a logarithmic
function. This result is then converted to a voltage at the VLOG
pin through a high gain stage. This output is connected back to
a voltage-to-current (V-to-I) stage, in such a manner that VLOG is
a logarithmic measure of the RF input voltage with a slope and
intercept controlled by the design. For a fixed termination resistance
at the input of the ADL5506, a given voltage corresponds to a
certain power level.
The external termination added before the ADL5506 determines
the effective power scaling. This often takes the form of a simple
resistor (52.3 Ω provides a net 50 Ω input), but more elaborate
matching networks can be used. This impedance determines the
logarithmic intercept, the input power for which the output crosses
the baseline (VLOG = 0 V) if the function were continuous for all
values of input. Because this is never the case for a practical log
amp, the intercept refers to the value obtained by the minimum
error, straight line fit to the actual graph of VLOG vs. input power.
The quoted values in Table 1 assume a sinusoidal (CW) signal.
Where there is complex modulation, as in CDMA, the calibration of
the power response needs to be adjusted accordingly. Where a true
power (waveform independent) response is needed, consider the
use of an rms responding detector, such as the ADL5504.
However, in terms of the logarithmic slope, the amount by which
the output VLOG changes for each decibel of input change (voltage
or power), is, in principle, independent of waveform or termination
impedance. In practice, it usually falls off at higher frequencies
because of the declining gain of the amplifier stages and other
effects in the detector cells. For the ADL5506, the slope at 30 MHz
is 18.8 mV/dB and falls slightly as frequency increases to about
16.7 mV/dB at 4.5 GHz. These values are sensibly independent of
temperature and almost completely unaffected by supply voltages
of 2.7 V to 5.5 V.
Figure 41. Block Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com