Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
ADL5506
APPLICATIONS INFORMATION
analog.com
Rev. C | 18 of 22
large input resistance. For low frequencies, the option shown in
Figure 46 or Figure 48 is recommended.
In Figure 47, the matching components are drawn as general
reactances. Depending on the frequency, the input impedance at
that frequency and the availability of standard value components,
either a capacitor or an inductor, is used. As in the previous case,
the input impedance at a particular frequency is plotted on a Smith
Chart and matching components are chosen (Shunt or Series L,
or Shunt or Series C) to move the impedance to the center of
the chart. Matching components for specific frequencies can be
calculated using the Smith Chart (see Figure 17). Table 4 outlines
the input impedances for some commonly used frequencies.
The impedance matching characteristics of a reactive matching net-
work provide voltage gain ahead of the ADL5506, which increases
device sensitivity (see Table 4). The voltage gain is calculated by
R1
R2
Gain
Voltage
dB
10
log
20
(12)
where:
R2 is the input impedance of the ADL5506.
R1 is the source impedance to which the ADL5506 is being match-
ed.
Note that this gain is only achieved for a perfect match. Component
tolerances and the use of standard values tend to reduce gain.
Figure 46. Broadband Resistive Method for Input Coupling
Figure 47. Narrow-Band Reactive Method for Input Coupling
Figure 48. Series Attenuation Method for Input Coupling
Figure 48 shows a third method for coupling the input signal into
the ADL5506 in applications where the input signal is larger than
the input range of the log amp. A series resistor, connected to the
RF source, combines with the input impedance of the ADL5506 to
resistively divide the input signal being applied to the input. This
has the advantage of very little power being tapped off in RF power
transmission applications.
Table 4. Input Impedance with 52.3 Ω Shunt for Select Frequency
Frequency (GHz)
S11
Impedance Ω (Series)
Real
Imaginary
0.05
+0.0023
−0.031
50.14 − j3.10
0.1
−0.014
−0.033
48.48 − j3.21
0.9
−0.144
+0.007
37.37 − j0.51
1.9
−0.052
+0.282
38.66 − j23.73
2.2
+0.074
+0.329
45.89 − j34.09
2.5
+0.233
+0.312
61.85 − j45.48
3.0
+0.467
+0.096
131.91 − j32.64
3.5
+0.394
−0.305
81.58 − j66.25
Table 5. Raw Input Impedance for Select Frequency
Frequency (GHz)
S11
Impedance Ω (Series)
Real
Imaginary
0.1
+0.838
−0.251
131.9 − j281.59
0.9
−0.206
+0.714
11.41 − j36.33
1.9
−0.571
+0.397
9.84 + j15.11
2.2
−0.284
+0.639
12.42 + j31.05
2.5
+0.077
+0.699
18.87 − j52.17
3.0
+0.564
+0.407
72.70 + j114.52
3.5
+0.602
−0.099
186.70 − j58.55
Effect of Waveform Type on Intercept
Although specified for input levels in decibels relative to 1 mW
(dBm), the ADL5506 fundamentally responds to voltage and not
to power. A direct consequence of this characteristic is that input
signals of equal rms power but differing crest factors, produce
different results at the output of the log amplifier.
The effect of differing signal waveforms is to shift the effective
value of the intercept upwards or downwards. Graphically, this looks
like a vertical shift in the transfer function of the log amplifier. The
logarithmic slope, however, is not affected. For example, consider
the case of the ADL5506 being alternately fed by an unmodulated
sine wave and by a 64 QAM signal of the same rms power. The
output voltage of the ADL5506 differs by the equivalent of 1.6 dB
(31 mV) over the complete dynamic range of the device (with the
output for a 64 QAM input being lower).
Figure 35 and Figure 38 show the transfer function of the ADL5506
when driven by both an unmodulated sine wave and several
different signal waveforms. For precision operation, calibrate the
ADL5506 for each signal type that is driving it. To measure the rms
power of a 64 QAM input, for example, add the millivolt equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com