Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADL5506
APPLICATIONS INFORMATION
analog.com
Rev. C | 19 of 22
of the decibel value of the intercept shift (18.5 mV/dB × 1.5 dB) to
the output voltage of the ADL5506.
Temperature Drift at High Frequencies
Figure 23 and Figure 27 show the log slope and error over temper-
ature for a 3.5 GHz and 4.5 GHz input signal, respectively. Error
due to drift over temperature consistently remains within ±0.5 dB
for a temperature range of 0°C to 85°C. Temperatures below 0°C
begin to exhibit error beyond 0.5 dB with error becoming no worse
than −3 dB typical at −40°C. For all frequencies using a reduced
temperature range, higher measurement accuracy is achievable.
Operation Above 4.5 GHz
The ADL5506 works at high frequencies but exhibits slightly higher
output voltage temperature drift, especially at cold temperatures as
described in the Temperature Drift at High Frequencies section.
Figure 49 and Figure 50 show VLOG vs. PIN over frequency from
30 MHz to 6 GHz. The ADL5506 exhibits a significant intercept
shift, high power ripple, and a continued decrease of the slope,
which all contribute to a decrease in dynamic range. The changes
in performance that occur as frequency is increased is partly due to
less energy transferring into the device and partly to the bandwidth
limitation of the limiting amplifier stages.
Figure 49. VLOG vs. PIN over Frequency (30 MHz to 4500 MHz)
Figure 50. VLOG vs. PIN over Frequency (4.5 GHz to 6 GHz)
VLOG Output Noise
The ADL5506 VLOG output noise is shown in Figure 31 in the
Typical Performance Characteristics section for Capacitor CFLT =
open. Placing capacitance from CFLT to VLOG decreases the
noise spectral density and the integrated noise. The choice of the
CFLT value depends on the requirements pertaining to integrated
noise and noise spectral density at a given frequency. Also, the
value of CFLT directly controls the video bandwidth of the output,
and thus controls the output response time to an RF pulse (see the
VLOG Pulse Response Time section).
VLOG Pulse Response Time
The ADL5506 VLOG output response for rise and fall times to a
given RF input pulse is quickest for CFLT = open; that is, the only
capacitance on the CFLT node is the internal capacitor. Adding
off-chip capacitance from the CFLT pin to the VLOG pin decreases
the video bandwidth and slows the output response to an RF input
pulse. See the Filter Capacitor section for an approximate closed
form equation for the VLOG video bandwidth.
Figure 28 shows the response time when the ENBL pin is pulsed
while having the VPOS pin connect to a 3.0 V supply and an RF
signal applied at RFIN. The sharp pulse that is seen on VLOG
preceding the actual response of the detectors, which happens
approximately 0.5 µs later, is the power-up transient that occurs
in the output stage. The upper voltage limit of these power-up
transients is 2.25 V typical, for a 3.0 V supply. Ensure that these
power-up transients do not overload the circuit that the VLOG pin
drives.
Device Handling
The wafer level chip scale package consists of solder bumps
connected to the active side of the die. The device is lead-free with
95.5% tin, 4.0% silver, and 0.5% copper solder bump composition.
The WLCSP package can be mounted on printed circuit boards
using standard surface-mount assembly techniques; however, take



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com