Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADL5506
APPLICATIONS INFORMATION
analog.com
Rev. C | 17 of 22
When more than two calibration points are chosen to compute
the error, the error computation must be done in a piece-wise
fashion. For the ADL5506, three calibration points were chosen
in characterization to compute the log conformance error of the
ADL5506. For example, one set of calibration points used was
−40 dBm, −30 dBm, and −10 dBm. With three calibration points,
two regions of error are computed, Region A and Region B (see
Figure 45) To compute the error, first compute two slopes and two
intercepts: one slope and intercept for Region A and the other slope
and intercept for Region B. Note that the error is zero at each
calibration point.
IN1
IN2
LOG1
LOG2
A
SLOPE
P
P
V
V
V
_
(5)
IN2
IN3
LOG2
LOG3
B
SLOPE
P
P
V
V
V
_
(6)
Next, find the two intercepts. (The two intercept points can be
computed with the same calibration points, middle point for both,
with the slope being different for the two intercept points.)
IN2
A
SLOPE
LOG
A
O
P
V
V
P
_
2
_
(7)
3
_
3
_
IN
B
SLOPE
LOG
B
O
P
V
V
P
(8)
Figure 44. VLOG vs. PIN
The log conformance error for Region A, which is from the low end
of the input power range to PIN2 is as follows:
A
O
IN
A
SLOPE
IN
LOG
IN
A
P
P
V
P
V
P
Error
_
_
)
(
)
(
(9)
The log conformance error for Region B, which is from PIN2 to the
upper end of the input power range is as follows:
B
O
IN
B
SLOPE
IN
LOG
IN
B
P
P
V
P
V
P
Error
_
_
)
(
)
(
(10)
Figure 45. Error vs. PIN
For four calibration points, there are three regions of error comput-
ed.
Filter Capacitor
The video bandwidth of VLOG is approximately 3.5 MHz. In CW
applications where the input frequency is much higher than this, no
further filtering of the demodulated signal is required. Where there
is a low frequency modulation of the carrier amplitude, however,
reduce the low-pass corner by the addition of an external filter
capacitor, CFLT. The video bandwidth is related to CFLT by
Video
 Bandwidtℎ =  1
2π ×
 13 kΩ × 3.5 pF + CF (11)
Input Coupling Options
The internal 5 pF coupling capacitor of the ADL5506, along with
the low frequency input impedance of 1.7 kΩ, gives a high-pass
input corner frequency of approximately 19 MHz. This sets the
minimum operating frequency. Figure 46 to Figure 48 show three
options for input coupling. A broadband resistive match can be
implemented by connecting a shunt resistor to ground at RFIN (see
Figure 46). This 52.3 Ω resistor (other values can also be used to
select different overall input impedances) combines with the input
impedance of the ADL5506 to give a broadband input impedance
of 50 Ω. While the input resistance and capacitance (RIN and
CIN) varies by a maximum of approximately ±20% from device to
device, the dominance of the external shunt resistor means that the
variation in the overall input impedance is close to the tolerance of
the external resistor. Achieve better return loss by placing the 52.3
Ω shunt resistor as near the device under test (DUT) as possible.
A reactive match can also be implemented, as shown in Figure
47. This is not recommended at low frequencies because device
tolerances dramatically vary the quality of the match due to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com