Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADL5506
APPLICATIONS INFORMATION
analog.com
Rev. C | 16 of 22
BASIC CONNECTIONS
Figure 42 shows the basic connections for measurement mode. A
supply voltage of 2.5 V to 5.5 V is required. Decouple the supply
to the VPOS pin with a low inductance 0.1 µF surface-mount
ceramic capacitor. A series resistor of about 10 Ω can be added;
this resistor slightly reduces the supply voltage to the ADL5506 and
depends on the load resistance at the output to ground. Avoid its
use in applications where the power supply voltage is very low. A
series inductor provides similar power supply filtering with minimal
drop in supply voltage.
Figure 42. Basic Connections
The ADL5506 has an internal input coupling capacitor. This elimi-
nates the need for external ac coupling. In this example, a broad-
band input match is achieved by connecting a 52.3 Ω resistor
between RFIN and ground. This resistance combines with the inter-
nal input impedance to give an overall broadband input resistance
of 50 Ω. Several other coupling methods are possible; these are
described in the Input Coupling Options section.
Ensure that the load resistance on VLOG is not lower than 600
Ω so that the full-scale output can be generated with the limited
available sourcing current of 4 mA. Figure 43 shows the logarithmic
conformance under the same conditions.
Figure 43. VLOG and Log Conformance Error vs. Input Level at 900 MHz
TRANSFER FUNCTION IN TERMS OF SLOPE
AND INTERCEPT
The transfer function of the ADL5506 is characterized in terms of
its slope and intercept. The logarithmic slope is defined as the
change in the RSSI output voltage for a 1 dB change at the input.
For the ADL5506, the slope is nominally 18 mV/dB. Therefore, a
10 dB change at the input results in a change at the output of
approximately 180 mV. Figure 43 shows the range over which the
device maintains its constant slope. The dynamic range can be
defined as the range over which the error remains within a certain
band, usually ±1 dB or ±3 dB. In Figure 43 for example, the ±1 dB
dynamic range is approximately 46 dB (from −44 dBm to +2 dBm).
The intercept is the point at which the extrapolated linear response
intersects the horizontal axis (see Figure 43). Using the slope and
intercept, calculate the output voltage for any input level within the
specified input range, or calculate the input level from the output
voltage by the following complementary equations:
VLOG = VSLOPE × (PIN – PO)
(1)
PIN = (VLOG/VSLOPE) + PO
(2)
where:
VLOG is the demodulated and filtered RSSI output, in V.
VSLOPE is the logarithmic slope, expressed in V/dB.
PIN is the input signal, expressed in decibels relative to some
reference level (dBm in this case).
PO is the logarithmic intercept, expressed in decibels relative to the
same reference level.
For example, at an input level of −27 dBm, the VLOG output voltage
is
VLOG = 0.018 V/dB × [−27 dBm − (−56 dBm)] = 0.522 V
LOG CONFORMANCE ERROR CALCULATION
Log conformance error is expressed in terms of the deviation in
the output voltage between the measured VLOG and the VLOG
calculated with an ideal log transformation function. Ideally, the
measured VLOG output at a particular input power, as plotted in
Figure 44, must not deviate from the calculated value of VLOG at
that same input power. Setting the measured VLOG to the right side
of the preceding equation and rearranging yields
0
)
(
O
IN
SLOPE
IN
MEASURED
LOG
P
P
V
P
V
(3)
In actuality, this does not always calculate to zero. The finite
calculation that results is the log conformance error, as follows:
0
)
(
)
(
O
IN
SLOPE
IN
MEASURED
LOG
IN
P
P
V
P
V
P
Error
(4)
where Error is in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com