Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet
ADL5511
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 14 of 26
Figure 34. VENV Output Temperature Drift from +25°C Linear Reference for
Multiple Devices at −40°C, +25°C, and +85°C, 6000 MHz Frequency
Figure 35. VRMS Output Temperature Drift from +25°C Linear Reference for
Multiple Devices at −40°C, +25°C, and +85°C, 6000 MHz Frequency
Figure 36. THD on VENV vs. RF Input Level; 1900 MHz RF Input, AM
Modulated by a 20 MHz Sine Wave (Modulation Index = 0.25), VENV Output
AC-Coupled into a 50 Ω Spectrum Analyzer Load
Figure 37. VENV Output Delta from +25°C Output Voltage for Multiple Devices
at −40°C and +85°C at 6000 MHz
Figure 38. VRMS Output Delta from +25°C Output Voltage for Multiple Devices
at −40°C and +85°C at 6000 MHz
Figure 39. Normalized VENV Frequency Response, VENV AC-Coupled into a
50 Ω Spectrum Analyzer Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com