Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADL5511
APPLICATIONS INFORMATION
analog.com
Rev. E | 19 of 26
Figure 49. Basic Connections
BASIC CONNECTIONS
Basic connections for operation of the ADL5511 are shown in
Figure 49. The ADL5511 requires a single supply of 5 V. The supply
is connected to the VPOS supply pin. Decouple this pin using two
capacitors with values equal or similar to those shown in Figure 49.
Place these capacitors as close as possible to the VPOS pin.
An external 75 Ω resistor combines with the relatively high RF input
impedance of the ADL5511 to provide a broadband 50 Ω match.
Place an ac coupling capacitor between this resistor and RFIN.
The envelope output is available on Pin 10 (VENV) and is refer-
enced to the 1.1 V dc voltage on Pin 9 (EREF).
The rms output voltage is available at the VRMS pin with rms
averaging provided by the supply-referenced capacitance on Pin 14
(FLT4).
OPERATION BELOW 1 GHZ/ENVELOPE
FILTERING
To operate the ADL5511 at frequencies below 1 GHz, a number of
external capacitors must be added to the FLT3, FLT2, and FLT1
pins. These changes are in addition to the choice of an appropriate
rms averaging capacitor, see the Choosing a Value for the RMS
Averaging Capacitor (CFLT4) section.
As part of the internal signal processing algorithm, the RF input
signal passes through a low-pass filter comprising of a 10 kΩ
resistor and a 5 pF capacitor (see Figure 49). This corresponds to a
corner frequency of approximately 3.2 MHz. If the carrier frequency
is less than approximately ten times this value (32 MHz), this corner
frequency must be reduced.
The internal 5 pF capacitance can be augmented by connecting
a ground referenced capacitor to Pin 3 (FLT1). The value of the
external capacitance is set using the following equation:
CFLT1= 1
2π×f3dB×10,000 Ω
−5 pF
(3)
For example, a 100 pF capacitance on FLT1 will reduce the corner
frequency to 150 kHz. As a general guideline, this corner frequency
should be set to be at least one tenth of the minimum expected
carrier frequency. This ensures a flat frequency response around
the frequency of interest.
The envelope detection path of the ADL5511 includes internal
carrier-suppression low-pass filtering. With the FLT2 and FLT3 pins
not connected, two internal 1 GHz and 800 MHz low-pass filters
(operating in series) remove the RF carrier from the envelope
output signal.
The equations for these filters are as follows:
1
2π×0.4 pF×400 Ω
≅1 GHz
(4)
and
1
2π×0.8 pF×250 Ω
≅800 MHz
(5)
Because the envelope detection circuitry includes a full-wave rectifi-
er, this filter has to primarily suppress the signal at twice the original
input frequency.
For input frequencies in the 900 MHz range, there will still be
significant carrier content on the envelope output. With the two
filters providing a combined 6 dB roll-off at approximately 900
MHz and with the residual carrier at 1.8 GHz, carrier filtering of
approximately 18 dB can be expected (the two single-pole filters
provide a combined roll-off of 12 dB per octave.
The internal filtering of the carrier in the envelope detection path
can be augmented by adding additional supply-referenced capaci-
tance to the FLT2 and FLT3 pins. The required capacitance can be
calculated using the following equations:
CFLT2= 1
2π×fFLT2×400 Ω
−0.4 pF
(6)
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com