Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data Sheet
ADL5511
CIRCUIT DESCRIPTION
analog.com
Rev. E | 18 of 26
peak signal current of 15 mA into the 50 Ω load. If a 50 Ω drive
capability is desired, the maximum input signal to ADL5511 should
be adjusted, such that this output swing condition is not exceeded.
A 50 Ω load should never be dc coupled to the VENV output, as
it presents a current draw of >20 mA even for no-signal condition
corresponding to 1.1 V nominal dc voltage at the VENV pin.
The VRMS buffered output can source a maximum current of 3
mA, but is not designed to sink any appreciable amount of current.
If current sink capability is desired at this pin, a shunt resistance
to ground can be connected. The VRMS output has an on-chip
series resistance of 100 Ω, to allow a low-pass filtering of the
residual ripple using a single shunt capacitor at this pin. Large
shunt capacitors at this pin may also require a shunt resistor to
be placed to allow fast discharging of the capacitor. The internal
shunt resistance on the VRMS pin is 10 kΩ. Note that any shunt
resistance placed on this pin creates a resistive divider with the
on-chip 100 Ω series resistance.
The EREF output buffer also has 3 mA current sourcing capability.
The internal shunt resistance on this pin through which any current
must be sunk, is 12 kΩ. A capacitor to ground can be placed on this
pin to eliminate any RF or envelope ripple at this pin to ensure that
voltage at this pin acts as a clean reference for the VENV output for
all possible carrier and envelope frequencies.
Viewing the Envelope on an Oscilloscope
When viewing the VENV output on an oscilloscope, use a low
capacitive FET probe. This reduces the capacitance presented to
the VENV output and avoids the corresponding effects of larger
capacitive loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com