Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADL5511
APPLICATIONS INFORMATION
analog.com
Rev. E | 23 of 26
Error (dB) = 20 × log [(VMEASURED − Intercept)/(Slope ×
VIN_IDEAL)]
(13)
Figure 55 is a plot of this error for VENV at 1900 MHz for a multiple
devices at +25°C, +85°C, and −40°C with calibration performed at
two points, −14 dBm and +5 dBm (notice how the error at 25°C at
the calibration points is zero). These error plots for all temperatures
are calculated using the 25°C slope and intercept. This is consistent
with calibration in a mass production environment where calibration
at temperature is generally not practical.
Figure 55. VENV Linearity Error vs. Input Level and Temperature Using a
Two
‑Point Calibration at 1900 MHz
By adding a third calibration point, the linearity of the ADL5511 can
be enhanced at lower power levels. With a three‑point calibration,
calibration coefficients (slope and intercept) are calculated for each
segment (thus, there will be two slopes and two intercepts).
Figure 56 shows the same data as Figure 55, but with a three-point
calibration (calibration points at −26 dBm, −15 dBm, and +5 dBm.
This helps to extend the usable operating range of the ADL5511
well below −25 dBm.
Figure 56. VENV Linearity Error vs. Input Level and Temperature Using a
Three-Point Calibration at 1900 MHz
ERROR VS. FREQUENCY
Figure 57 and Figure 58 show how the VRMS and VENV output
voltages and error vary with input frequency when the ADL5511 is
calibrated at a single frequency. In this example, the ADL5511 has
been calibrated at 25°C at 1.9 GHz. The plots also show how the
output voltage and error vary above and below this frequency.
Figure 57. VRMS Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C
Figure 58. VENV Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C
EVALUATION BOARD
Figure 59 shows the schematic of the ADL5511 evaluation board.
This 4-layer board is powered by a single supply in the 4.75 V to
5.25 V range. The power supply is decoupled by 100 pF and 0.1 µF
capacitors.
Table 5 details the various configuration options of the evaluation
board. Figure 60 and Figure 61 show the bottom side and top side
layouts, respectively.
The RF input has a broadband match of 50 Ω using a single 75 Ω
resistor at R5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com