Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Data Sheet
ADL5511
APPLICATIONS INFORMATION
analog.com
Rev. E | 20 of 26
CFLT3= 1
2π×fFLT3×250 Ω
−0.8 pF
(7)
where fLT2 and fLT3 are the desired corner frequencies.
For example, to set the corner frequency to 200 MHz, CFLT2 and
CFLT3 should be set to 1.6 pF and 2.4 pF, respectively. The two
corner frequencies should be set so that they are approximately
equal.
Care should be taken not to set the corner frequency of this
carrier suppression filter too low as it will start to degrade envelope
bandwidth. The ADL5511 has an envelope bandwidth of 130 MHz.
Thus, if the capacitors on FLT2 and FLT3 are so big that the
carrier-suppression corner frequency approaches 130 MHz, the
carrier filtering effort will directly impact the envelope bandwidth.
Thus, the corner frequency should be set low enough so that the
RF carrier is adequately removed from the envelope output while
still maintaining the desired envelope bandwidth. An alternative
option would be to filter the carrier at the VENV output using a
higher order filter.
CHOOSING A VALUE FOR THE RMS
AVERAGING CAPACITOR (CFLT4)
CFLT4 provides the averaging function for the internal rms computa-
tion, the result of which is available at the VRMS output. As already
noted, the on-chip rms filtering corner is internally set by a 400
Ω resistor and a 20 pF capacitor, yielding a corner frequency of
approximately 20 MHz.
For adequate rms filtering, connect an external filter capacitor
between FLT4 (Pin 14) and VPOS (Pin 15). This capacitance acts
on the internal 400 Ω resistor to yield a new corner frequency for
the rms filter given by the following equation:
CFLT4= 1
2π×fFLT4×400 Ω
−20 pF
(8)
For example, a supply-referenced 0.1 µF capacitor on FLT4 re-
duces the corner frequency of the rms averaging circuit to approxi-
mately 4 kHz.
The size of the rms filtering capacitor has a direct impact on the rms
accuracy up to a point. For most accurate detection, the rms filter
corner should be low enough to filter out most of the modulation
content. This corresponds to a corner frequency that is significantly
less than the bandwidth of the signal being measured.
Table 4 shows recommended minimum values of CFLT4 for popular
modulation schemes. Using smaller capacitor values than these
will result in rms measurement errors; using higher values will not
further improve rms accuracy but will reduce the output noise on
VRMS at the expense of increased rise and fall times. In Table 4,
rise and fall times are also shown along with residual output noise.
The recommended minimum values for CFLT4 were experimentally
determined by starting out with a large capacitance value on the
FLT4 pin (for example, 10 µF). The value of VRMS was noted
for a fixed input power level (for example, 0 dBm). The value
of CFLT4 was then progressively reduced (this can be done with
press-down capacitors) until the value of VRMS started to deviate
from its original value (this indicates that the accuracy of the rms
computation is degrading and that CFLT4 is becoming too small).
The recommended minimum value for CFLT4 is roughly inversely
proportional to the bandwidth of the input signal, that is, wider band-
width signals tend to require smaller minimum filter capacitances.
As already noted, the value of CFLT4 sets up an internal low pass
corner frequency, which filters the rms voltage. As carrier bandwidth
increases, a larger proportion of the residual noise (which has
been effectively mixed down to baseband) is filtered away. This re-
sults in smaller capacitances being required as carrier bandwidths
increase.
Table 4. Recommended Minimum CFLT4 Values for Various Modulation Schemes (Pin = 0 dBm)
Modulation/Standard
PEP to RMS Ratio
Signal
Bandwidth
CFLT4 (Min)
Output Noise
Rise/Fall Time (10% to 90%)
W-CDMA, One-Carrier, TM1-64
9.83 dB
3.84 MHz
220 nF
98 mV p-p
82 µs/310 µs
W-CDMA Four-Carrier, TM1-64, TM1-32, TM1-16,
TM1-8
12.08 dB
18.84 MHz
100 nF
140 mV p-p
40 µs/140 µs
LTE Test Model E-TM1_1_4MHz
9.83 dB
4 MHz
220 nF
135 mV p-p
82 µs/310 µs
LTE Test Model E-TM1_1_10MHz
11.99 dB
10 MHz
100 nF
89 mV p-p
40 µs/140 µs
LTE Test Model E-TM1_1_20MHz
11.58 dB
20 MHz
47 nF
90 mV p-p
20 µs/70 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com