Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
ADL5511
CIRCUIT DESCRIPTION
analog.com
Rev. E | 17 of 26
The ADL5511 employs a proprietary rectification technique to strip
off the carrier of an input signal to reveal the true envelope. In
this first detection stage, the carrier frequency is doubled and an
on-chip two-pole passive low-pass filter accurately preserves the
envelope and filters out the carrier. The poles of this filter, as de-
fined by the on-chip RC filters (0.4 pF, 400 Ω, 0.8 pF, 250 Ω) values
allow some carrier leakthrough for common RF frequencies. This
is to ensure that maximum envelope bandwidth can be maintained.
For more details, see the Basic Connections section.
Figure 48. Block Diagram
The extracted envelope is further processed in two parallel chan-
nels, one computing the rms value of the envelope and the other
transferring the envelope with appropriate scaling to the envelope
output.
ENVELOPE PROPAGATION DELAY
The delay specified in this data sheet is with no external capacitor
at the FLT2 and FLT3 pins. The delay through the ADL5511,
although very small, depends upon a number of factors, notable
of which are internal filter component values and op amp compen-
sation capacitors. The delay will vary from part to part by approxi-
mately ±15% due to process variations.
In addition, the choice of external FLT2 and FLT3 values, as well
as load on the VNEV pin will increase the delay. In this case, the
delay variation will be dominated by the part-to-part tolerance of the
external capacitors.
RMS CIRCUIT DESCRIPTION
The rms processing is done using a proprietary translinear tech-
nique. This method is a mathematically accurate rms computing
approach and achieves unprecedented rms accuracies for complex
modulation signals irrespective of the crest factor of the input
signal. An integrating filter capacitor does the square-domain aver-
aging. The VRMS output can be expressed as
VRMS=A× T1
T
2VIN2×dt
T
2−T1
(1)
Note that A is a scaling parameter that is decided on by the on-chip
resistor ratio, and there are no other scaling parameters involved in
this computation, which means that the rms output is inherently free
from any sources of error due to temperature, supply, and process
variation.
RMS FILTERING
The on-chip rms filtering corner is internally set by a 400 Ω resistor
and a 20 pF capacitor, yielding a corner frequency of approximately
20 MHz. Whereas this filters out all carrier frequencies, most of
the modulation envelope is not filtered. For adequate rms filtering,
connect an external filter capacitor between FLT4 (Pin 14) and
VPOS (Pin 15). This capacitance acts on the internal 400 Ω resistor
(see Figure 48) to yield a new corner frequency for the rms filter
given by
CFLT4= 1
2π×fRMS×400 Ω
−20 pF
(2)
For example, a supply-referenced 0.1 µF capacitor on FLT4 re-
duces the corner frequency of the rms averaging circuit to approxi-
mately 4 kHz.
RMS filtering has a direct impact on rms accuracy. For most
accurate detection, the rms filter corner should be low enough to
filter out most of the modulation content. This will correspond to a
corner frequency that is significantly lower than the bandwidth of
the signal being measured. See the Choosing a Value for the RMS
Averaging Capacitor (CFLT4) section for more details and filtering
options.
OUTPUT DRIVE CAPABILITY AND BUFFERING
The envelope output of the ADL5511 is presented on the VENV
pin as a single-ended buffered output with low output impedance.
To achieve high envelope bandwidth, this output is not ground
referenced, unlike the VRMS output, which is ground referenced.
The VENV output has a no signal dc value of about 1.1 V. This
dc reference is temperature dependent and is presented as a
standalone reference voltage on the EREF pin and as a buffered
output. The true envelope at any instant of time is simply (VENV −
VEREF), but these two pins do not constitute a differential output.
EREF is a fixed dc voltage and VENV carries all the envelope
information.
The VENV output is capable of supporting a parallel load of 500 Ω
and 10 pF at full-scale envelope output and maximum bandwidth.
Lighter loads (higher R and lower C) are always recommended
whenever possible to minimize power consumption and achieve
maximum possible bandwidth. The maximum source/ sink current
capacity of the VNEV output is 15 mA peak and load conditions
should be such that this is not exceeded. The maximum output
voltage at this pin is approximately (VPOS − 1.5) V.
For the case of ac coupling only, the VENV output can drive a 50
Ω load, as long as the maximum signal swing does not exceed
an amplitude of approximately 1.5 V p-p. This corresponds to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com