Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Data Sheet
ADL5511
APPLICATIONS INFORMATION
analog.com
Rev. E | 24 of 26
The VRMS output is accessible via a clip lead (a pad is also
available where an SMA connector is installed). The VENV output
is accessible via an SMA connector. For response- time critical
measurements where stray capacitance must be minimized, R2 can
be removed and a FET probe can be attached to JP1 (JP1 must be
installed).
Figure 59. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and supply vector pins.
Not applicable
C13, C14
Power supply decoupling. Nominal supply decoupling of 0.01 µF and 100 pF.
C13 = 100 pF (Size 0402)
C14 = 0.1 µF (Size 0402)
C17
RMS filter capacitor (FLT4). The internal rms averaging capacitor can be augmented by placing additional
capacitance in C17.
C17 = 0.1 µF (Size 0402)
R5, C1
RF input interface. The 75 Ω resistor at R5 combines with the ADL5511 internal input impedance to give a
broadband input impedance of around 50 Ω. C1 is an ac coupling capacitor, which should be chosen according
to nominal carrier frequency.
R5 = 75 Ω (Size 0402)
C1 = 100 pF (Size 0402)
R18, C9
RMS output and output filtering. The combination of C9 and the internal 100 Ω output resistance can be used to
form a low-pass filter to reduce the output noise on the VRMS output beyond the reduction due to C17 (capacitor
on FLT4). The rms output is available on the VRMS clip-on test point. To observe VRMS using an SMA cable, an
SMA connector can be soldered on to the pad labeled VRMS1.
R18 = 0 Ω (Size 0402)
C9 = open (Size 0402)
VRMS clip-on test point = installed
VRMS1 SMA connector = open
R19, C8, R2, JP1
VENV output and output filtering. The VENV output is available on the VENV SMA connector. If post-envelope
filtering is desired, R19 and C8 can be used to form a low-pass filter at the VENV output.R2 can be removed to
isolate the JP1 jumper from the VENV SMA connector and JP1 can be installed and used to interface to a FET
probe. This helps to eliminate any excessive trace and connector capacitance.
VENV SMA connector = installed
R19, R2 = 0 Ω (Size 0402)
C8 = open (Size 0402)
JP1 = open
R20, C7
Envelope reference output and output filtering. The EREF output is available on the EREF clip-on test point. The
dc reference voltage at Pin EREF can be filtered by the low-pass filter formed by the combination of R20 and
C7. To observe the EREF voltage using an SMA cable, an SMA connector can be soldered onto the pad labeled
EREF1.
R20 = 0 Ω (Size 0402)
C7 = open (Size 0402)
EREF clip-on test point = installed
EREF1 SMA connector = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com