Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 22Page - Microchip Technology PIC18F6X2X Datasheet HTML 23Page - Microchip Technology PIC18F6X2X Datasheet HTML 24Page - Microchip Technology PIC18F6X2X Datasheet HTML 25Page - Microchip Technology PIC18F6X2X Datasheet HTML 26Page - Microchip Technology PIC18F6X2X Datasheet HTML 27Page - Microchip Technology PIC18F6X2X Datasheet HTML 28Page - Microchip Technology PIC18F6X2X Datasheet HTML 29Page - Microchip Technology PIC18F6X2X Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 24
Advance Information
 2003 Microchip Technology Inc.
2.6
Oscillator Switching Feature
The PIC18F6X2X/8X2X devices include a feature that
allows the system clock source to be switched from the
main oscillator to an alternate low frequency clock
source. For the PIC18F6X2X/8X2X devices, this
alternate clock source is the Timer1 oscillator. If a low
frequency crystal (32 kHz, for example) has been
attached to the Timer1 oscillator pins and the Timer1
oscillator has been enabled, the device can switch to a
Low Power Execution mode. Figure 2-7 shows a block
diagram of the system clock sources. The clock
switching feature is enabled by programming the
Oscillator Switching Enable (OSCSEN) bit in the
CONFIG1H Configuration register to a ‘0’. Clock
switching is disabled in an erased device. See
Section 12.0 for further details of the Timer1 oscillator.
See Section 24.0 for Configuration register details.
FIGURE 2-7:
DEVICE CLOCK SOURCES
PIC18F6X2X/8X2X
TOSC
4 x PLL
TT1P
TSCLK
Clock
Source
TOSC/4
Timer1 Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for Other Modules
OSC1
OSC2
SLEEP
Main Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com