Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 32Page - Microchip Technology PIC18F6X2X Datasheet HTML 33Page - Microchip Technology PIC18F6X2X Datasheet HTML 34Page - Microchip Technology PIC18F6X2X Datasheet HTML 35Page - Microchip Technology PIC18F6X2X Datasheet HTML 36Page - Microchip Technology PIC18F6X2X Datasheet HTML 37Page - Microchip Technology PIC18F6X2X Datasheet HTML 38Page - Microchip Technology PIC18F6X2X Datasheet HTML 39Page - Microchip Technology PIC18F6X2X Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 34
Advance Information
 2003 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
PIC18F6X2X PIC18F8X2X
---0 0000
---0 0000
---0 uuuu(3)
TOSH
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
PIC18F6X2X PIC18F8X2X
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
PCLATH
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
PCL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
TBLPTRH
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TABLAT
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
PRODH
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
PIC18F6X2X PIC18F8X2X
0000 000x
0000 000x
uuuu uuuu(1)
INTCON2
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu(1)
INTCON3
PIC18F6X2X PIC18F8X2X
1100 0000
1100 0000
uuuu uuuu(1)
INDF0
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
POSTINC0
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
POSTDEC0
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
PREINC0
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
PLUSW0
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
FSR0H
PIC18F6X2X PIC18F8X2X
---- 0000
---- 0000
---- uuuu
FSR0L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
POSTINC1
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
POSTDEC1
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
PREINC1
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
PLUSW1
PIC18F6X2X PIC18F8X2X
N/A
N/A
N/A
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for RESET value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.
7:
If MCLR function is disabled, PORTG<5> is a read only bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com