Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 75Page - Microchip Technology PIC18F6X2X Datasheet HTML 76Page - Microchip Technology PIC18F6X2X Datasheet HTML 77Page - Microchip Technology PIC18F6X2X Datasheet HTML 78Page - Microchip Technology PIC18F6X2X Datasheet HTML 79Page - Microchip Technology PIC18F6X2X Datasheet HTML 80Page - Microchip Technology PIC18F6X2X Datasheet HTML 81Page - Microchip Technology PIC18F6X2X Datasheet HTML 82Page - Microchip Technology PIC18F6X2X Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 77
PIC18F6X2X/8X2X
6.2.3
16-BIT BYTE SELECT MODE
Figure 6-3 shows an example of 16-bit Byte Select
mode for PIC18F8X2X devices. This mode allows table
write operations to word-wide external memories with
byte selection capability. This generally includes both
word-wide FLASH and SRAM devices.
During a TBLWT cycle, the TABLAT data is presented
on the upper and lower byte of the AD15:AD0 bus. The
WRH signal is strobed for each write cycle; the WRL
pin is not used. The BA0 or UB/LB signals are used to
select the byte to be written based on the Least
Significant bit of the TBLPTR register.
FLASH and SRAM devices use different control signal
combinations to implement Byte Select mode. JEDEC
standard FLASH memories require that a controller I/O
port pin be connected to the memory’s BYTE/WORD
pin to provide the select signal. They also use the BA0
signal from the controller as a byte address. JEDEC
standard static RAM memories, on the other hand, use
the UB or LB signals to select the byte.
FIGURE 6-3:
16-BIT BYTE SELECT MODE EXAMPLE
AD<7:0>
PIC18F8X2X
AD<15:8>
ALE
373
A<20:1>
373
OE
WRH
A<19:16>
WRL
BA0
JEDEC Word
A<x:1>
D<15:0>
A<20:1>
CE
D<15:0>
I/O
OE WR(1)
A0
BYTE/WORD
FLASH Memory
JEDEC Word
A<x:1>
D<15:0>
CE
D<15:0>
OE
WR(1)
LB
UB
SRAM Memory
LB
UB
138(2)
Address Bus
Data Bus
Control Lines
Note
1:
This signal only applies to table writes. See Section 5.1, “Table Reads and Writes”.
2: Demultiplexing is only required when multiple memory devices are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com