Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 76Page - Microchip Technology PIC18F6X2X Datasheet HTML 77Page - Microchip Technology PIC18F6X2X Datasheet HTML 78Page - Microchip Technology PIC18F6X2X Datasheet HTML 79Page - Microchip Technology PIC18F6X2X Datasheet HTML 80Page - Microchip Technology PIC18F6X2X Datasheet HTML 81Page - Microchip Technology PIC18F6X2X Datasheet HTML 82Page - Microchip Technology PIC18F6X2X Datasheet HTML 83Page - Microchip Technology PIC18F6X2X Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 78
Advance Information
 2003 Microchip Technology Inc.
6.2.4
16-BIT MODE TIMING
The presentation of control signals on the external
memory bus is different for the various operating
modes. Typical signal timing diagrams are shown in
Figure 6-4 through Figure 6-6.
FIGURE 6-4:
EXTERNAL MEMORY BUS TIMING FOR TBLRD (MICROPROCESSOR MODE)
FIGURE 6-5:
EXTERNAL MEMORY BUS TIMING FOR TBLRD
(EXTENDED MICROCONTROLLER MODE)
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q4
Q4
Q4
Q4
ALE
OE
3AABh
WRH
WRL
AD<15:0>
BA0
CF33h
Opcode Fetch
MOVLW
55h
from 007556h
9256h
0E55h
‘1’
‘1’
‘1’
‘1’
Table Read
of 92h
from 199E67h
1 TCY Wait
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Apparent Q
Actual Q
A<19:16>
0Ch
00h
CE
‘0’
‘0’
Memory
Cycle
Instruction
Execution
TBLRD
Cycle1
TBLRD
Cycle2
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
A<19:16>
ALE
OE
AD<15:0>
CE
Opcode Fetch
Opcode Fetch
Opcode Fetch
TBLRD*
TBLRD
Cycle1
ADDLW
55h
from 000100h
Q2
Q1
Q3
Q4
0Ch
CF33h
TBLRD
92h
from 199E67h
9256h
from 000104h
Memory
Cycle
Instruction
Execution
INST(PC-2)
TBLRD
Cycle2
MOVLW
55h
from 000102h
MOVLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com