Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 36Page - Microchip Technology PIC18F6X2X Datasheet HTML 37Page - Microchip Technology PIC18F6X2X Datasheet HTML 38Page - Microchip Technology PIC18F6X2X Datasheet HTML 39Page - Microchip Technology PIC18F6X2X Datasheet HTML 40Page - Microchip Technology PIC18F6X2X Datasheet HTML 41Page - Microchip Technology PIC18F6X2X Datasheet HTML 42Page - Microchip Technology PIC18F6X2X Datasheet HTML 43Page - Microchip Technology PIC18F6X2X Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 38
Advance Information
 2003 Microchip Technology Inc.
PORTJ
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH
PIC18F6X2X PIC18F8X2X
xxxx xxxx
xxxx uuuu
uuuu uuuu
PORTG(7)
PIC18F6X2X PIC18F8X2X
---x xxxx
---u uuuu
---u uuuu
PORTF
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
PORTE
PIC18F6X2X PIC18F8X2X
xxxx xxxx
0000 0000
uuuu uuuu
PORTD
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5,6)
PIC18F6X2X PIC18F8X2X
-xxx 0000(5)
-uuu 0000(5)
-uuu uuuu(5)
SPBRGH1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
BAUDCON1
PIC18F6X2X PIC18F8X2X
-1-0 0-00
-1-0 0-00
-1-u u-uu
SPBRGH2
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
BAUDCON2
PIC18F6X2X PIC18F8X2X
-1-0 0-00
-1-0 0-00
-1-u u-uu
ECCP1DEL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TMR4
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
PR4
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
T4CON
PIC18F6X2X PIC18F8X2X
-000 0000
-000 0000
-uuu uuuu
CCPR4H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCPR4L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCP4CON
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
CCPR5H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCPR5L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCP5CON
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
SPBRG2
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
RCREG2
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TXREG2
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TXSTA2
PIC18F6X2X PIC18F8X2X
0000 -010
0000 -010
uuuu -u1u
RCSTA2
PIC18F6X2X PIC18F8X2X
0000 000x
0000 000x
uuuu uuu-
ECCP3AS
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
ECCP3DEL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
ECCP2AS
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
ECCP2DEL
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for RESET value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.
7:
If MCLR function is disabled, PORTG<5> is a read only bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com