Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 5Page - Microchip Technology PIC18F6X2X Datasheet HTML 6Page - Microchip Technology PIC18F6X2X Datasheet HTML 7Page - Microchip Technology PIC18F6X2X Datasheet HTML 8Page - Microchip Technology PIC18F6X2X Datasheet HTML 9Page - Microchip Technology PIC18F6X2X Datasheet HTML 10Page - Microchip Technology PIC18F6X2X Datasheet HTML 11Page - Microchip Technology PIC18F6X2X Datasheet HTML 12Page - Microchip Technology PIC18F6X2X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 7
PIC18F6X2X/8X2X
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
• PIC18F6525
• PIC18F6621
• PIC18F8525
• PIC18F8621
This
family
offers
the
advantages
of
all
PIC18 microcontrollers - namely, high computational
performance
at
an
economical
price - with
the
addition of high endurance enhanced FLASH program
memory. The PIC18F6X2X/8X2X family also provides
an enhanced range of program memory options and
versatile analog features that make it ideal for complex,
high performance applications.
1.1
Key Features
1.1.1
EXPANDED MEMORY
The PIC18F6X2X/8X2X family provides ample room
for application code, and includes members with
48 Kbytes or 64 Kbytes of code space.
Other memory features are:
• Data
RAM
and
Data
EEPROM:
The
PIC18F6X2X/8X2X family also provides plenty of
room for application data. The devices have
3840 bytes of data RAM as well as 1024 bytes of
data EEPROM for long term retention of non-volatile
data.
• Memory Endurance: The enhanced FLASH cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles
-
up to 100,000 for program memory, and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 40 years.
1.1.2
EXTERNAL MEMORY INTERFACE
In the unlikely event that 64 Kbytes of program memory
is inadequate for an application, the PIC18F8X2X
members of the family also implement an external
memory interface. This allows the controller’s internal
program counter to address a memory space of up to
2 MBytes, permitting a level of data access that few
8-bit devices can claim.
With the addition of new operating modes, the external
memory interface offers many new options, including:
• Operating the microcontroller entirely from external
memory
• Using
combinations
of
on-chip
and
external
memory, up to the 2-Mbyte limit
• Using external FLASH memory for reprogrammable
application code or large data tables
• Using external RAM devices for storing large
amounts of variable data
1.1.3
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device. This is true when moving between the 64-pin
members, between the 80-pin members, or even
jumping from 64-pin to 80-pin devices.
1.1.4
OTHER SPECIAL FEATURES
• Communications: The PIC18F6X2X/8X2X family
incorporates a range of serial communication
peripherals, including 2 independent enhanced
USARTs and a Master SSP module capable of both
SPI and I2C (Master and Slave) modes of operation.
Also, for PIC18F6X2X/8X2X devices, one of the
general purpose I/O ports can be reconfigured as an
8-bit parallel slave port for direct processor to
processor communications.
• CCP Modules: All devices in the family incorporate
two Capture/Compare/PWM (CCP) modules and
three enhanced CCP modules to maximize flexibility
in control applications. Up to four different time
bases may be used to perform several different
operations at once. Each of the three ECCPs offer
up to four PWM outputs, allowing for a total of 12
PWMs. The ECCPs also offer many beneficial fea-
tures, including polarity selection, programmable
dead-time,
auto
shutdown
and
restart,
and
Half-Bridge and Full-Bridge Output modes.
• Analog Features: All devices in the family feature
10-bit A/D converters with up to 16 input channels,
as well as the ability to perform conversions during
SLEEP mode and auto-acquisition conversions.
Also included are dual analog comparators with
programmable input and output configuration, a
programmable Low Voltage Detect module, and a
Programmable Brown-out Reset module.
• Self-programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine
located in the protected boot block at the top of
program memory, it becomes possible to create an
application that can update itself in the field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com