Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6X2X Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 8Page - Microchip Technology PIC18F6X2X Datasheet HTML 9Page - Microchip Technology PIC18F6X2X Datasheet HTML 10Page - Microchip Technology PIC18F6X2X Datasheet HTML 11Page - Microchip Technology PIC18F6X2X Datasheet HTML 12Page - Microchip Technology PIC18F6X2X Datasheet HTML 13Page - Microchip Technology PIC18F6X2X Datasheet HTML 14Page - Microchip Technology PIC18F6X2X Datasheet HTML 15Page - Microchip Technology PIC18F6X2X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 10
Advance Information
 2003 Microchip Technology Inc.
FIGURE 1-2:
PIC18F8525/8621 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO
Brown-out
Reset
EUSART1
Comparator
MSSP
EUSART2
Timing
Generation
10-bit
ADC
Data Latch
Data RAM
(3.8 Kbytes)
Address Latch
Address<12>
12
Bank0, F
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
W
8
BITOP
8
8
ALU<8>
8
Test Mode
Select
Address Latch
Program Memory
(48/64 Kbytes)
Data Latch
20
21
16
8
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PCLATU
PCU
Precision
Reference
Bandgap
PORTH
RH0:RH3/AD19(4)
PORTJ
RJ6/LB
RJ7/UB
RJ5/CE
RJ4/BA0
RJ3/WRH
RJ2/WRL
RJ0/ALE
RJ1/OE
Timer2
Timer1
Timer3
Timer4
Timer0
Note
1:
CCP2/P2A are multiplexed with RC1 when CCP2MX is set; with RE7 when CCP2MX is cleared and the device is configured in
Microcontroller mode; or with RB3 when CCP2MX is cleared in all other Program Memory modes.
2:
P1B/P1C/P3B/P3C are multiplexed with RE6:RE3 when ECCPMX is set, and with RH7:RH4 when ECCPMX is not set.
3:
RG5 is multiplexed with MCLR, and is only available when the MCLR Resets are disabled.
4:
External memory interface pins are multiplexed with PORTD (AD7:AD0), PORTE (AD15:AD8) and PORTH (A19:A16).
CCP4
CCP5
RH7/AN15/P1B(2)
RH6/AN14/P1C(2)
RH5/AN13/P3B(2)
RH4/AN12/P3C(2)
LVD
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/LVDIN
RB0/INT0
RC0/T1OSO/T13CKI
RC2/CCP1/P1A
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX1/CK1
RC7/RX1/DT1
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
RB1/INT1
PORTD
RD7/PSP7:
RB2/INT2
RB3/INT3/CCP2(1)/P2A(1)
PORTE
PORTG
RG0/CCP3/P3A
RG1/TX2/CK2
RG2/RX2/DT2
RG3/CCP4/P3D
RG4/CCP5/P1D
RE6/P1B(2,4)
RE7/CCP2(1)/P2A(1,4)
RE5/P1C(2,4)
RE4/P3B(2,4)
RE3/P3C(2,4)
RE2/CS/P2B(4)
RE0/RD/P2D(4)
RE1/WR/P2C(4)
OSC2/CLKO/RA6
PORTF
RF6/AN11
RF7/SS
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RF0/AN5
RF1/AN6/C2OUT
RB4/KBI0
RB5/KBI1/PGM
RB6/KBI2/PGC
RB7/KBI3/PGD
RC1/T1OSI/CCP2(1)/P2A(1)
VDD, VSS
MCLR(3)
ECCP2
ECCP3
ECCP1
RG5(3)
RD0/PSP0(4)
BOR
AD15:AD0, A19:16(4)
Data
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com