Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 13Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 14Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 15Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 16Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 17Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 18Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 19Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 20Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 17
Modem Status Register (MSR):
This register provides the status of the modem control lines to CPU.
Register:
MSR
Description:
Modem Status Register
Offset:
6
Permissions:
Read
Access Condition:
Default Value:
0x00
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
DCD
RI
DSR
CTS
ΔDCD
Teri
ΔDSR
ΔCTS
Bit
Description
Operation
0
Delta CTS
Logic 0:
No change in the CTS signal
Logic 1:
Indicates that the CTS input has changed since
the last time the MSR was read
1
Delta DSR
Logic 0:
No change in the DSR signal
Logic 1:
Indicates that the DSR input has changed since
the last time the MSR was read
2
Trailing Edge of RI
Logic 0:
No change in the RI signal
Logic 1:
Indicates that the RI input has changed from low
to high since the last time the MSR was read
3
Delta DCD
Logic 0:
No change in the DCD signal
Logic 1:
Indicates that the DCD input has changed since
the last time the MSR was read
4
CTS
Logic 0:
CTS# line is 1
Logic 1:
CTS# line is 0
5
DSR
Logic 0:
DSR# line is 1
Logic 1:
DSR# line is 0
6RI
Logic 0:
RI# line is 1
Logic 1:
RI# line is 0
7
DCD
Logic 0:
DCD# line is 1
Logic 1:
DCD# line is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com