Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS7840 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
MosChip Semiconductor ♦ 3335 Kifer Rd, Santa Clara, CA 95051 ♦ Tel (408) 737-7141 ♦ Fax (408) 737-7708
Ordering Information
Commercial Grade (0 °C to +70 °C)
MCS7840CV
64-LQFP
RoHS
Features
•
USB-2.0 Device Controller
•
On-Chip USB-2.0 PHY
•
On-Chip Voltage Regulators
•
Four 16c450/16c550 compatible UARTs
•
Supports SIR IrDA Mode on any/all ports
•
Supports RS-232, RS-485 and RS-422
Serial Ports
•
5, 6, 7 & 8-bit Serial Data support
•
Hardware and Software Flow Control
•
Serial Port speeds from 50 bps to 6 Mbps
•
Custom BAUD Rates supported through
external clock and/or by programming the
internal PLL
•
On-Chip 512-Byte FIFOs for upstream and
downstream data transfers for each Serial
Port
•
Supports Remote Wakeup and Power
Management features
•
Serial Port Transceiver Shut-Down
support
•
Two-Wire I2C Interface for EEPROM
•
EEPROM read/write through USB
•
iSerial feature support with EEPROM
•
One Bi-directional multi-function GPIO
•
On-Chip buffers for Serial Port signals to
operate without external Transceivers over
short cable lengths
•
Bus-Powered Device
Applications
•
Serial Attached Devices
•
Modems, Serial Mouse, Generic Serial
Devices
•
Serial-Port Server
•
Data Acquisition System
•
POS Terminal & Industrial PC
General Description
The MCS7840 is a USB-2.0 to Quad-Serial Port
device. It has been developed to connect a wide
range of standard serial devices to a USB host.
The MCS7840 has a USB Device Controller
connected to four (4) individual UARTs.
Support for the following serial communication
programs is included:
HyperTerminal, PComm, Windows direct
connection, Windows dial-up connection through
modem, Networking over IrDA and Windows direct
connection over IrDA, Minicom.
Application Note
•
AN-7840
Evaluation Board
•
MCS7840-EVB
Package
•
64-pin LQFP Package
Driver Support
•
Windows
(98SE / ME / 2000 / XP / 2003 Server)
•
Linux Kernel 2.6.5 and above
•
MAC 10.2 & above
•
Windows CE5.0
•
Windows Vista
Utility Support
•
Windows based EEPROM Tool
•
Mass Production Utility


Similar Part No. - MCS7840

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
MCS7810 ASIX-MCS7810 Datasheet
333Kb / 9P
MCS7810 Product Introduction
More results

Similar Description - MCS7840

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB105 ETC1-KL5KUSB105 Datasheet
132Kb / 7P
USB to 4 Serial Ports
logo
Advantech Co., Ltd.
ARK-3383 ADVANTECH-ARK-3383 Datasheet
442Kb / 2P
Seven USB 2.0 Ports, Four Serial Ports, and Dual LAN Audio Compact System
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800 Datasheet
269Kb / 1P
8 USB 2.0 ports
EP850 AXIOMTEK-EP850 Datasheet
242Kb / 1P
6 USB 2.0 ports
NANO100 AXIOMTEK-NANO100 Datasheet
304Kb / 1P
6 USB 2.0 ports
NANO101 AXIOMTEK-NANO101 Datasheet
305Kb / 1P
6 USB 2.0 ports
PICO831 AXIOMTEK-PICO831 Datasheet
342Kb / 1P
4 USB 2.0 ports
SBC84826 AXIOMTEK-SBC84826 Datasheet
264Kb / 1P
4 USB 2.0 ports
SBC86836 AXIOMTEK-SBC86836 Datasheet
247Kb / 1P
8 USB 2.0 ports
CEM860 AXIOMTEK-CEM860 Datasheet
222Kb / 1P
8 USB 2.0 ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com