Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCS7840 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 4
Rev.
1.2
Pin Assignments
Pin
Name
Type
Functional Description
1
GND
K
Power
Core Ground
2
USB_XSCI
Input
Crystal Oscillator Input
3
USB_XSCO
Output
Crystal Oscillator Output
4
Vcc
A
Power
Power Pin (A3V3)
5
GND
A
Power
Analog Ground
6
USB_RREF
Input
External Reference Resistor (12.1 K
Ω, 1%)
Connect resistor to Analog GND.
7
USB_DM
I/O
USB D- Signal
8
USB_DP
I/O
USB D+ Signal
9
Vcc
A
Power
Power Pin (A3V3)
10
GND
A
Power
Analog Ground
11
Vcc
K
Power
Power Pin (1.8V)
12
TEST_MODE
Input
Test Mode Pin, (active high). Default = Low (0)
When TEST_MODE = 1, PLL, Core, and SCAN/BIST/
Memory BIST testing can be performed.
Set TEST_MODE = 0 for normal operation.
13
TXD_4
Output
Serial Port 4 Transmit Data out to transceiver or IrDA
data out to IR LED
14
DTR_4_N
Output
Serial Port 4 Data Terminal Ready (in serial protocol),
active low.
15
RTS_4_N
Output
Serial Port 4 Request To Send (in serial protocol),
active low.
16
RXD_4
Input
Serial Port 4 Serial Receive Data in from transceiver
or IrDA data in from IrDA detector.
17
RI_4_N
Input
Serial Port 4 Ring Indicator, active low
18
DSR_4_N
Input
Serial Port 4 Data Set Ready (in serial protocol), active
low
19
DCD_4_N
Input
Serial Port 4 Data Carrier Detect (in serial protocol),
active low
20
CTS_4_N
Input
Serial Port 4 Clear To Send (in serial protocol), active
low
21
TXD_1
Output
Serial Port 1 Transmit Data out to transceiver, or IrDA
data out to IR LED
22
DTR_1_N
Output
Serial Port 1 Data Terminal Ready (in serial protocol),
active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com