Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCS7840 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 3
Pin-Out Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
MCS7840CV
GND
USB_XSCI
USB_XSCO
Vcc
GND
USB_RREF
USB_DM
USB_DP
Vcc
GND
Vcc
TEST_MODE
TXD_4
DTR_4_N
RTS_4_N
RXD_4
K
A
A
A
A
K
RXD_2
RTS_2_N
DTR_2_N
TXD_2
EE_SDA
EE_SCL
RESET
GPIO
VCC3IO
Vcc
GND
Vcc
REG02_V18
GND
VCC
REG06_VCC33
K
18A_PLL
18A_PLL
5A
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com