Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 12Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 9
UART Register-Set and Register Descriptions
The UART has 10 registers, but only three address lines to access those registers. The mapping of the
registers is dependent upon the Line Control Register (LCR).
LCR[7] enables the Divider Latch Registers (DLL & DLM).
The following table gives the various UART registers and their offsets.
Register
Name
Offset R/W Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
THR
0
W
Data to be transmitted ( Transmitter Holding Register)
RHR
0
R
Data to be received (Receiver Holding Register)
IER
1
R/W
Reserved
Sleep
Mode
Modem
Int
Mask
Rx
Stat
Int
Mask
Tx Rdy
Int
Mask
Rx Rdy
Int
Mask
FCR
2
W
RHR
Trigger Level
Reserved
Reserved
Flush
THR
Flush
RHR
FIFO
Enable
ISR
2
R
FIFOs
Enabled
Reserved
Interrupt Priority
Interrupt
Pending
LCR
3
R/W
DLE
Tx
Break
Force
Parity
Odd/Even
Parity
Parity
Enable
Stop
Bits
Data Length
MCR
4
R/W
DTR – DSR/
DCD
Flow Control
RTS/CTS
Flow
Control
Loop
Unused
RTS
DTR
LSR
5
R
Data
Error
Tx
Empty
THR
Empty
Rx
Break
Framing
Error
Parity
Error
Overrun
Error
Rx
Rdy
MSR
6
R
DCD
RI
DSR
CTS
ΔDCD
Teri
ΔDSR
ΔCTS
SPR
7
R/W
Scratch Pad Register
Additional standard registers - these are accessed when LCR[7] = 1
DLL
0
R/W
Divisor Latch bits[7:0]
DLM
1
R/W
Divisor Latch bits[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com