Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCS7840 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 5
Pin
Name
Type
Functional Description
23
RTS_1_N
Output
Serial Port 1 Request To Send (in serial protocol),
active low.
24
RXD_1
Input
Serial Port 1 Serial Receive Data in from transceiver,
or IrDA data in from IrDA detector.
25
RI_1_N
Input
Serial Port 1 Ring Indicator, active low.
26
Vcc
K
Power
Power Pin (1.8V)
27
GND
K
Power
Core Ground
28
Vcc
3IO
Power
Power Pin (D3V3)
29
DSR_1_N
Input
Serial Port 1 Data Set Ready (in serial protocol), active
low
30
DCD_1_N
Input
Serial Port 1 Data Carrier Detect (in serial protocol),
active low
31
CTS_1_N
Input
Serial Port 1 Clear To Send (in serial protocol), active
low
32
SHTD_1_N
Output
Shut Down External Serial Transceiver during normal
operation, active low by default, can be configured
active high by using DCR setting.
33
REG06_VCC33
Power
Power Pin (3.3V OUTPUT)
34
Vcc
5A
Power
Power Pin (5V INPUT)
35
GND
5A
Power
Ground Pin for 5V Input
36
REG02_V18
Power
Power Pin (1.8V OUTPUT)
37
Vcc
18A_PLL
Power
PLL Power (1.8V)
38
GND
18A_PLL
Power
PLL Ground
39
Vcc
K
Power
Power Pin (1.8V)
40
VCC3IO
Power
Power pin D3V3.
41
GPIO
I/O
GPIO_MODE - Bidirectional GPIO bit. The direction
(Input or Output) is controlled by the DCR for Serial
Port #1.
42
RESET
I
Power-On Reset signal (active high).
43
EE_SCL
I/O
2-Wire EEPROM Clock. Default = High (1)
44
EE_SDA
I/O
2-Wire EEPROM Data in/out. Default = High (1)
45
TXD_2
Output
Serial Port 2 Transmit Data out to transceiver, or IrDA
data out to IR LED
46
DTR_2_N
Output
Serial Port 2 Data Terminal Ready (in serial protocol),
active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com