Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 33Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 34Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 35Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 36Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 37Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 38Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 39Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 40Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 41
Revision History
Revision
Changes
Date
0.9
Preliminary Release
30-May-2006
0.91
Corrected MaxPacketSize values (FS/HS)
01-Jun-2006
0.92
Corrected Wlength field in “Set Application Vendor Specific Command”
05-Jun-2006
1.0
Removed Preliminary Notice.
Made change to reflect one GPIO port instead of two.
Added Driver Support entries on page 1.
Made bits 2 and 1 of the MCR register reserved.
Made bit 5 of the Mode register reserved.
Replaced Raid_reg1 with Rx_sampling_reg1 throughout document.
Modified product ID value in EEPROM Content Layout table.
Made bit 1 of Device Configuration register 0 reserved and added note.
Modified description of bit 1 of Device Configuration register 0.
Made bit 6 of Device Configuration register 0 reserved and added note.
28-Aug-2006
1.1
Clarified Linux Kernel support in Features
Deleted Windows CE5.0 and Vista release dates
16-Sept-2006
1.2
Updated Absolute Maximum Rating table
Deleted Leakage Current table
Updated Operating Conditions table
Updated 3.3V DC Characteristics table
Updated 5V DC Characteristics table
Removed dimensions in Inches from Package Dimensions table
Removed ‘Confidential’ notice from all pages
6-August-2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com