Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT36B2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Absolute Maximum Ratings
Supply Voltage .............................VSS
-0.3V to VSS+6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3.6
4.5
5.5
V
IDD
Operating Current
4.5V
No load,
fOSC=11.0592MHz
¾
16
32
mA
ISTB
Standby Current (WDT Disabled)
4.5V
No load,
System HALT
¾
13
mA
IOH
I/O Ports Source Current
4.5V
VOH=4.5V
5
¾¾
mA
IOL
I/O Ports Sink Current
4.5V
VOL=0.5V
5
¾¾
mA
VIH
Input High Voltage for I/O Ports
4.5V
¾
0.8VDD
¾
VDD
V
VIL
Input Low Voltage for I/O Ports
4.5V
¾
0
¾
0.2VDD
V
RPH
Pull-High Resistance of I/O Ports (INT)
4.5V
VIL=0V
¾
30
¾
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
MCU Interface
fOSC
System Frequency
5V
11.059MHz crystal
¾
11.059
¾
MHz
fSYS
System Clock
5V
¾
8
¾
12
MHz
tWDT
Watchdog Time-Out Period (RC)
¾
Without WDT prescaler
9
17
35
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
Symbol
Parameter
Figure
Min.
Typ.
Max.
Unit
DAC Interface
fBC
DCK Bit Clock Frequency
Fig 1
¾
fSYS/16
¾
MHz
tCH
DCK Bit Clock H Level Time
Fig 1
600
¾¾
ns
tDOS
Data Output Setup Time
Fig 1
200
¾¾
ns
tDOH
Data Output Hold Time
Fig 1
200
¾¾
ns
tLCS
Load Clock Setup Time
Fig 1
200
¾¾
ns
tLCH
Load Clock Hold Time
Fig 1
200
¾¾
ns
HT36B2
Rev. 1.10
5
March 10, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com