Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 21Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 22Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Application Circuits
HT36B2
Rev. 1.10
19
March 10, 2005
R C H
H T 3 6 B 2
R C H
V D D
4 7 m F
0 . 1 m F
V r e f
1 0 m F
I N
V D D
H T 8 2 V 7 3 3
V S S
C E
O U T N
O U T P
S P K
8 W
2 0 k W
L C H
1
2
3
5
7
4
8
P C 0 ~ P C 7
P A 0 ~ P A 7
P B 0 ~ P B 7
P D 0 ~ P D 7
V D D
4 7 m F
0 . 1 m F
V r e f
1 0 m F
I N
V D D
H T 8 2 V 7 3 3
V S S
C E
O U T N
O U T P
S P K
8 W
2 0 k W
1
2
3
5
7
4
8
V D D
S P K
8 W
1 k W
7 5 0 W
P C 0 ~ P C 7
P A 0 ~ P A 7
P B 0 ~ P B 7
P D 0 ~ P D 7
L C H
V D D
S P K
8 W
1 k W
7 5 0 W
V S S A
V S S
V S S A
V S S
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
H T 3 6 B 2
O S C 1
O S C 2
1 1 . 0 5 9 M H z
R E S
1 0 0 k W
0 . 1 m F
V D D
R E S
O S C 1
V D D
1 0 0 k W
0 . 1 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com