Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 21Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
HT36B2
Rev. 1.10
18
March 10, 2005
A_R
ENV1
ENV0
Volume Control Bit
Control Bit Final Value
Mode
0
0
0
VL2~0, VR2~0
111b
Release mode
0
0
1
VL1~0, VR1~0
11b
0
1
0
VL0, VR0
1b
x
1
1
No Bit
unchanged
No change mode
1
0
0
VL2~0, VR2~0
000b
Attach mode
1
0
1
VL1~0, VR1~0
00b
1
1
0
VL0, VR0
0b
Envelope Type Definition
· The PCM code definition
The HT36B2 can provide the voice format of the
signed 8-bit raw PCM. And the MCU will take the
voice code 80H as the end code.
So each PCM code section must be ended with the
end code 80H.
Digital to Analog Converter (DAC)
The HT36B2 provides two 16-bit current type DAC de-
vice controlled by the MCU or wavetable synthesizer for
driving the external speaker through an external NPN
transistor. It is in fact an optional object used for the
wavetable synthesizer DAC or general DAC, this is cho-
sen by mask option and DAC control register. If general
DAC is chosen for application, then the wavetable
synthesizer is disabled because the DAC is taken up
and controlled by the MCU. If general DAC is selected,
the programmer must write the voice data to register the
DAL and DAH to get the corresponding analog data.
For mask option enable DAC register and enable
SELWL and SELWR, then the table becomes useful.
Bit No.
Label
Function
0
SELWR
SELWR=1: Right channel DAC
data from wavetable
SELWR=0: Right c0hannel DAC
data from MCU (default)
1
DAON
DAON=1: DAC On
DAON=0: DAC Off (default)
2
SELWL
SELWL=1: Left channel DAC
data from wavetable
SELWL=0: Left channel DAC
data from MCU (default)
3~7
¾
Unused bit, read as
²0²
DAC (1FH) Control Register
Mask Option
No.
Mask Option
Function
1
WDT source
On-chip RC/Instruction
clock/ disable WDT
2
CLRWDT times
One time, two times
(CLR WDT1/WDT2)
3
Wake-up
PA only
4
Pull-High
PA, PB, PC, PD input
5
OSC mode
Crystal or Resistor type
6
LVR/LVD
Low voltage detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com