Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
HT36B2
Rev. 1.10
16
March 10, 2005
ger input with or without pull-high resistor (mask option)
structures can be reconfigured dynamically under soft-
ware control. To function as an input, the corresponding
latch of the control register must write a
²1². The
pull-high resistance will be exhibited automatically if the
pull-high option is selected. The input source also de-
pends on the control register. If the control register bit is
²1², input will read the pad state. If the control register bit
is
²0², the contents of the latches will move to the internal
bus. The latter is possible in
²read-modify-write² instruc-
tion. For output function, CMOS is the only configura-
tion. These control registers are mapped to locations
13H, 15H, 17H and 19H).
After a chip reset, these input/output lines remain at high
levels or floating (mask option). Each bit of these in-
put/output latches can be set or cleared by the SET [m].i
or CLR [m].i (m=12H, 14H, 16H or 18H) instruction.
Some instructions first input data and then follow the
output operations. For example, the SET [m].i, CLR
[m].i, CPL [m] and CPLA [m] instructions read the entire
port states into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability to wake-up the de-
vice.
16 Channel Wavetable Synthesizer
Wavetable Function Memory Mapping
Special Register for Wavetable Synthesizer
RAM
B7
B6
B5
B4
B3
B2
B1
B0
20H
VM
FR
¾¾
CH3
CH2
CH1
CH0
21H
BL3
BL2
BL1
BL0
FR11
FR10
FR9
FR8
22H
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
23H
ST15
ST14
ST13
ST12
ST11
ST10
ST9
ST8
24H
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
25H
WBS
RE14
RE13
RE12
RE11
RE10
RE9
RE8
26H
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
27H
A_R
¾
VL9
VL8
ENV1
ENV0
VR9
VR8
29H
VL7
VL6
VL5
VL4
VL3
VL2
VL1
VL0
2AH
VR7
VR6
VR5
VR4
VR3
VR2
VR1
VR0
Wavetable Function Register Table
Register Name
Register Function
B7
B6
B5
B4
B3
B2
B1
B0
20H
Channel Number Selection
CH3
CH2
CH1
CH0
20H
Change Parameter Selection
VM
FR
21H
Block Number Selection
BL3
BL2
BL1
BL0
21H
Frequency Number Selection
FR11
FR10
FR9
FR8
22H
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
23H
Start Address Selection
ST15
ST14
ST13
ST12
ST11
ST10
ST9
ST8
24H
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
25H
Waveform Format Selection
WBS
25H
Repeat Number Selection
RE14
RE13
RE12
RE11
RE10
RE9
RE8
26H
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
27H
Envelope Type Selection
ENV1
ENV0
27H
Attach and Release Selection
A_R
27H
Left Volume Controller
VL9
VL8
29H
VL7
VL6
VL5
VL4
VL3
VL2
VL1
VL0
27H
Right Volume Controller
VR9
VR8
2AH
VR7
VR6
VR5
VR4
VR3
VR2
VR1
VR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com