Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
HT36B2
Rev. 1.10
7
March 10, 2005
Program ROM
HT36B2 provides 17 address lines W A16~0 to read the
Program ROM which is up to 2M bits, and is comm only
used for the wavetable voice codes and the program
memory. It provides two address types, one type is for
program ROM, which is addressed by a bank pointer
PF3~0 and a 13-bit program counter PC 12~0; and the
other type is for wavetable code, which is addressed by
the start address ST15~0. On the program type,
WA16~0= PF3~0
´ 213+ PC12~0. On the wavetable
ROM type, WA16~0=ST15~0
´ 25.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the bank pointer, program
counter and table pointer.
Certain locations in the program memory of each bank
are reserved for special usage:
· Location 000H on bank0
This area is reserved for the initialization program. Af-
ter a chip reset, the program always begins execution
at location 000H on bank0.
· Location 008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program on each bank. If timer interrupt
results from a Timer/Event Counter 0 overflow, and if the
interrupt is enabled and the stack is not full, the program
begins execution at location 008H corresponding to its
bank.
· Location 00CH
This area is reserved for the Timer/Event Counter 1
interrupt service program on each bank. If a timer in-
terrupt results from a Timer/Event Counter 1 overflow,
and if the interrupt is enabled and the stack is not full,
the program begins execution at location 00CH corre-
sponding to its bank.
· Table location
Any location in the ROM space can be used as
look-up tables. The instructions TABRDC[m] (the cur-
rent page, 1 page=256 words) and TABRDL [m] (the
last page) transfer the contents of the lower-order
byte to the specified data memory, and the
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
higher-order byte of the table word are transferred to
the TBLH. The Table Higher-order byte register
(TBLH) is read only. The Table Pointer (TBLP) is a
read/write register (07H), which indicates the table lo-
cation. Before accessing the table, the location must
be placed in TBLP. The TBLH is read only and cannot
be restored. If the main routine and the ISR (Interrupt
Service Routine) both employ the table read instruc-
tion, the contents of the TBLH in the main routine are
likely to be changed by the table read instruction used
in the ISR. Errors can occur. In this case, using the ta-
ble read instruction in the main routine and the ISR si-
multaneously should be avoided. However, if the table
read instruction has to be applied in both the main rou-
tine and the ISR, the interrupt should be disabled prior
to the table read instruction. It will not be enabled until
the TBLH has been backed up. All table related in-
structions need two cycles to complete the operation.
These areas may function as normal program mem-
ory depending upon user requirements.
· Bank pointer
The program memory is organized into 16 banks and
each bank into 8192
´16 bits of program ROM. PF3~0
is used as the ROM bank pointer. After an instruction
has been executed to write data to the PF register to
select a different bank, note that the new bank will not
be selected immediately. It is not until the following in-
struction has completed execution that the bank will
be actually selected.
Instruction(s)
Table Location
*16
*15
*14
*13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P16 P15 P14 P13 P12 P11 P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
P16 P15 P14 P13
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*12~*0: Table location bits
@7~@0: Table pointer bits
P12~P8: Current Program Counter bits
P16~P13: Bits of bank PF3~PF0
0 0 0 0 H
0 0 0 8 H
T i m e r / e v e n t C o u n t e r 0 i n t e r r u p t s u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
1 F F F H
N o t e : n r a n g e s f r o m 0 0 t o 1 F .
n F F H
T i m e r / e v e n t C o u n t e r 1 i n t e r r u p t s u b r o u t i n e
0 0 0 C H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
Program Memory for Each Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com