Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
HT36B2
Rev. 1.10
11
March 10, 2005
ternal capacitors in OSC1 and OSC2 are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works with a
period of approximately 78
ms. The WDT oscillator can
be disabled by mask option to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (MCU
system clock divided by 4), determined by mask op-
tions. This timer is designed to prevent a software mal-
function or sequence jumping to an unknown location
with unpredictable results. The Watchdog Timer can be
disabled by mask option. If the Watchdog Timer is dis-
abled, all the executions related to the WDT result in no
operation.
Once the internal WDT oscillator (RC oscillator with a
period of 78
ms normally) is selected, it is first divided by
256 (8-stages) to get the nominal time-out period of ap-
proximately 20ms. This time-out period may vary with
temperature, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bits 2, 1, 0 of the
WDTS) can give different time-out periods. If WS2,
WS1, WS0 all equal to 1, the division ratio is up to 1:128,
and the maximum time-out period is 2.6 seconds.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. The
high nibble and bit 3 of the WDTS are reserved for user
defined flags, and the programmer may use these flags
to indicate some specified status.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
wherein only the program counter and SP are reset to
zero. To clear the WDT contents (including the WDT
prescaler ), three methods are implemented, namely,
external reset (a low level to RES), software instruc-
tions, or a HALT instruction. The software instructions
include CLR WDT and the other set
- CLR WDT1 and
Bit No.
Label
Function
0
EMI
Controls the Master (Global) interrupt (1=enable; 0=disable)
1
EEI
Controls the external interrupt (1=enable; 0=disable)
2
ET0I
Controls the Timer/Event Counter 0 interrupt (1=enable; 0=disable)
3
ET1I
Controls the Timer/Event Counter 1 interrupt (1=enable; 0=disable)
4
EIF
External interrupt (INT pad) request flag
5
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register
S y s t e m C l o c k / 8
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
M a s k
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com