Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT36B2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
HT36B2
Rev. 1.10
8
March 10, 2005
Wavetable ROM
The ST15~0 is used to defined the start address of each
sample on the wavetable and read the waveform data
from the location. HT36B2 provides 21 output address
lines from WA16~0, the ST15~0 is used to locate the
major 16 bits of 21 lines and the undefined data from
WA4~0 is always set to 00000b. So the start address of
each sample have to be located at a multiple of 32
bytes. Otherwise, the sample will not be read out cor-
rectly because it has a wrong starting code.
Stack Register
- Stack
This is a special part of the memory which is used to
save the contents of the program counter (PC) only. The
stack is organized into 8 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge, the con-
tents of the program counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, sig-
naled by a return instruction (RET or RETI), the program
counter is restored to its previous value from the stack.
After a chip reset, the SP will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge will be inhibited. When the stack pointer is
decremented (by RET or RETI), the interrupt will be ser-
viced. This feature prevents stack overflow allowing the
programmer to use the structure more easily. In a similar
case, if the stack is full and a CALL is subsequently exe-
cuted, a stack overflow occurs and the first entry will be
lost (only the most recent eight return address are
stored).
Data Memory
- RAM
The data memory is designed with 3
´256´8 bits. The
data memory is divided into three functional groups:
special function registers, wavetable function register,
and general purpose data memory (3
´192´8). Most of
them are read/write, but some are read only.
The special function registers include the Indirect Ad-
dressing register 0/1 (00H/02H), the Memory Pointer
register (MP0;02H, MP1;04H), the RAM address bank
pointer (BP;01H), the 8-bit MCU accumulator
(ACC;05H), the Program Counter Lower-byte register
(PCL;06H), the Table Pointer (TBLP;07H), the Table
Higher-order byte register (TBLH;08H), the Watchdog
Timer option Setting register (WDTS;09H), the Status
register (STATUS;0AH), the Interrupt Control register
(INTC;0BH), the Timer/Event Counter 0 Higher-order
byte register (TMR0H;0CH), the Timer/Event Counter 0
Lower-order byte register (TMR0L;0DH), the
Timer/Event Counter 0 Control register (TMR0C;0EH),
the Timer/Event Counter 1 Higher-order byte register
(TMR1H;0FH), the Timer/Event Counter 1 Lower-order
byte register (TMR1L;10H), the Timer/Event Counter 1
Control register (TMR1C;11H), the I/O registers
(PA;12H, PB;14H, PC;16H, PD;18H), the program ROM
bank select (PF;1CH)), the D/A converter (DAH;1DH,
DAL;1EH, DAC;1FH) and the I/O Control registers
(PAC;13H, PBC;15H, PCC;17H, PDC;19H). The
wavetable function register is defined between
20H~2AH. The remaining space before the 40H is re-
served for future expansion usage and reading these lo-
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 9 H
2 A H
2 B H
3 F H
2 8 H
S p e c i a l P u r p o s e
D a t a M e m r o y
W a v e t a b l e
F u n c t i o n
R e g i s t e r
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P F
D A C H i g h B y t e ( D A H )
D A C L o w B y t e ( D A L )
D A C C o n t r o l ( D A C )
C h a n n e l N u m b e r S e l e c t ( C H A N )
F r e q u e n c y N u m b e r H i g h B y t e ( F r e q N H )
F r e q u e n c y N u m b e r L o w B y t e ( F r e q N L )
S t a r t A d d r e s s H i g h B y t e ( A d d r H )
S t a r t A d d r e s s L o w B y t e ( A d d r L )
R e p e a t N u m b e r H i g h B y t e ( R e H )
R e p e a t N u m b e r L o w B y t e ( R e L )
C o n t r o l R e g i s t e r ( E N V )
L e f t V o l u m e C o n t r o l ( L V C )
R i g h t V o l u m e C o n t r o l ( R V C )
: U n u s e d .
R e a d a s " 0 0 "
F F H
4 0 H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2
´ 3 B y t e s )
B a n k 0
B a n k 1
B a n k 2
0 C H
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com