Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT7R995 Datasheet HTML 1Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 2Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 3Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 4Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Notes:
1. nF[1:0] = LL disables bank specific outputs if TEST=MID and sOE = HIGH.
2. When TEST=MID or HIGH, the Divide-by-2, Divide-by-4, and Inversion-
options function as defined in Table 9.
3. When 4Q[1:0] are set to run inverted (4F[1:0] = HH), sOE disables these out-
puts HIGH when PE/HD = HIGH or MID, sOE disables them LOW when
PE/HD = LOW.
4. Skew accuracy is within +/- 15% of n*tU where "n" is the selected number
of skew steps. Supplied as a design limit, but not tested or guaranteed.
A graphical summary of Table 10 is shown in Figure 3. The
drawing assumes that the FB input is driven by a clock output
programmed with zero skew. Depending upon the state of the
nF[1:0] pins the respective clocks will be skewed, divided, or
inverted relative to the fedback output as shown in Figure 3.
1.3 Output Drive, Synchronization, and Power Supplies:
The UT7R995/C employs flexible output buffers providing the
user with selectable drive strengths, independent power sup-
plies, and synchronization to either edge of the reference input.
Using the 3-level PE/HD pin, the user selects the reference edge
synchronization and the output drive strength for all clock out-
puts. The options for edge synchronization and output drive
strength selected by the PE/HD pin are listed in Table 11.
Notes:
1. Please refer to "DC Parameters" section for IOH/IOL specifications.
Table 10: Output Skew Settings4
nF[1:0]
Skew
1Q[1:0], 2Q[1:0]
Skew
3Q[1:0]
Skew
4Q[1:0]
LL 1, 2
-4tU
Divide by 2
Divide by 2
LM
-3tU
-6tU
-6tU
LH
-2tU
-4tU
-4tU
ML
-1tU
-2tU
-2tU
MM
Zero Skew
Zero Skew
Zero Skew
MH
+1tU
+2tU
+2tU
HL
+2tU
+4tU
+4tU
HM
+3tU
+6tU
+6tU
HH 2
+4tU
Divide by 4
Inverted 3
Table 11: PE/HD Settings
PE/HD
Synchronization
Output Drive
Strength 1
L
Negative
Low Drive
M
Positive
High Drive
H
Positive
Low Drive
XTAL1 Input
FB Input
-6tU
+2tU
+3tU
+4tU
+6tU
DIVIDED
-4tU
-3tU
-2tU
-1tU
0tU
+1tU
INVERTED
1F[1:0]
2F[1:0]
3F[1:0]
4F[1:0]
(N/A)
(N/A)
LM
LM
LL
LL
LH
LH
LM
LM
(N/A)
(N/A)
LH
LH
ML
ML
ML
ML
(N/A)
(N/A)
MM
MM
MM
MM
MH
MH
(N/A)
(N/A)
HL
HL
MH
MH
HM
HM
(N/A)
(N/A)
HH
HH
HL
HL
(N/A)
(N/A)
HM
HM
(N/A)
(N/A)
LL/HH
LL
(N/A)
(N/A)
(N/A)
HH
Figure 3. Typical Outputs with FB Connected to a Zero-Skewed Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com