Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
7.0 DC OUTPUT ELECTRICAL CHARACTERISTICS (Pre- and Post-Radiation)*
(VDDQn = +2.5V + 10%; VDD = +3.3V + 0.3V; TC = -55°C to +125°C) (For "W" screening, TC = -40°C to +125°C) (Note 1)
Notes: * Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019, Condition A up to a TID level of 1.0E6 rad(Si).
1. Unless otherwise noted, these tests are performed with VDD and VDDQn at their minimum levels.
2. Supplied as a design limit. Neither guaranteed nor tested.
3. When measuring the dynamic supply current, all outputs are loaded in accordance with the equivalent test load defined in figure 10.
4. Capacitance is measured for initial qualification and when design changes may affect the input/output capacitance. Capacitance is measured between the designated
terminal and VSS at a frequency of 1MHz and a signal amplitude of 50mV rms maximum.
5. For the UT7R995, the 200MHz test condition is based on an XTAL1 frequency of 200MHz. For the UT7R995C, the 200MHz test condition is based on an XTAL1
frequency of 16.666667MHz, and a N-divider setting of 12.
6. To reduce power consumption for the device, the user may tie the unused VDDQn pins to VSS.
Symbol
Description
Conditions
Min.
Max.
Units
VOL
Output low voltage
IOL = 12mA (PE/HD = LOW or HIGH); (Pins: nQ[1:0])
--
0.4
V
IOL = 20mA (PE/HD = MID); (Pins: nQ[1:0])
--
0.4
V
IOL = 2mA (Pins: LOCK)
--
0.4
V
IOH = -6mA (PE/HD=LOWorHIGH); (Pins: nQ[1:0]; VDDQn =
+2.25V)
2.0
--
V
VOH
High-level output
voltage
IOH = -10mA (PE/HD=LOWor HIGH); (Pins: nQ[1:0]; VDDQn
= +2.375V)
2.0
--
V
IOH = -10mA (PE/HD = MID); (Pins: nQ[1:0]; VDDQn = +2.25V)
2.0
--
V
IOH = -20mA (PE/HD = MID); (Pins: nQ[1:0]; VDDQn =
+2.375V)
2.0
--
V
IOH = -2mA (Pins: LOCK)
2.4
--
V
IOSQn
2
Short-circuit output
current
VO = VDDQn or VSS; VDDQn = +2.75V; PE/HD = MID
-500
500
mA
VO = VDDQn or VSS; VDDQn = +2.75V; PE/HD = LOW or HIGH
-300
300
mA
I
DDOP
3,5,6
Dynamic supply
current
@200MHz (FS = HIGH); VDD = Max;
VDDQn = +2.75V; CL = 20pF/output
UT7R995
--
200
mA
UT7R995C
--
280
mA
@50MHz (FS = LOW); VDD = Max;
VDDQn = +2.75V; CL = 20pF/output
UT7R995
--
130
mA
UT7R995C
--
145
mA
COUT
4
Output pin capacitance
f = 1MHz @ 0V; VDD = Max; VDDQn = +2.75V
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com