Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 19Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 20Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 21Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 22Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
COLORADO
Toll Free: 800-645-8862
Fax: 719-594-8468
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
ww w.aero f lex.com
info -ams@ a eroflex.com
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
Aeroflex Colorado Springs, Inc., reserves the right to make
changes to any products and services herein at any time
without notice. Consult Aeroflex or an authorized sales
representative to verify that the information in this data sheet
is current before using this product. Aeroflex does not assume
any responsibility or liability arising out of the application or
use of any product or service described herein, except as
expressly agreed to in writing by Aeroflex; nor does the
purchase, lease, or use of a product or service from Aeroflex
convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual rights of
Aeroflex or of third parties.
A e ro flex C o lo rad o Sp ring s - Datasheet D e fin i tion
A d van ced
D a tash eet
- Prod uct
In Deve lopm ent
Prelimin ary
D a tash eet
-
Ship ping Proto t ype
D a tash eet
- Shipp i ng QML &
Re duce d
Hi-Rel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com