Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 17 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 17 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 19Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 20Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 21Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
XTAL1
FB
nQ0
nQ1
Inverted Q
XTAL1 ÷ 2
XTAL1 ÷ 4
tXTAL
tPWC
tPD0
tODCV
tDCIN
tODCV
tCCJ(1-12)
tSKEWPR
tSKEW0,
tSKEW1
tSKEW2
tSKEW4
tSKEW3
tSKEW5
(VDDQn = 2.5V)
(VDDQn = 3.3V)
Figure 6. AC Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com