Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
6.0 DC INPUT ELECTRICAL CHARACTERISTICS (Pre- and Post-Radiation)*
(VDD = +3.3V + 0.3V; TC = -55°C to +125°C) (For "W" screening, TC = -40°C to +125°C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019, Condition A up to a TID level of 1.0E6 rad(Si).
1. These inputs are normally wired to VDD, VSS, or left unconnected. Internal termination resistors bias unconnected inputs to VDD/2 + 0.3V. The 3-level inputs
include: TEST, PD/DIV, PE/HD, FS, nF[1:0], DS[1:0].
2. Capacitance is measured for initial qualification and when design changes may affect the input/output capacitance. Capacitance is measured between the designated
terminal and VSS at a frequency of 1MHz and a signal amplitude of 50mV rms maximum.
3. Pin FS is guaranteed by functional testing.
4. For pin FB, this specification is supplied as a design limit, but is neither guaranteed nor tested.
Symbol
Description
Conditions
Min.
Max.
Units
VIH
4
High-level input voltage
(XTAL1, FB and sOE inputs)
2.0
--
V
VIL
4
Low-level input voltage
(XTAL1, FB and sOE inputs)
--
0.8
V
VIHH
1, 3
High-level input voltage
VDD - 0.6
--
V
VIMM
1, 3
Mid-level input voltage
VDD÷2 - 0.3 VDD÷2 + 0.3
V
VILL
1, 3
Low-level input voltage
--
0.6
V
IIL
Input leakage current
(XTAL1, FB and sOE inputs)
VIN = VDD or VSS; VDD = Max
-5
5
μA
I3L
1
3-Level input DC current
HIGH, VIN = VDD
--
200
μA
MID, VIN = VDD/2
-50
50
μA
LOW, VIN = VSS
-200
--
μA
IDDPD
Power-down current
VDD = VDDQn = +3.0V;
TEST & sOE = HIGH;
XTAL1, PD/DIV, FB, FS, & PE/
HD = LOW;
All other inputs are floated;
Outputs are not loaded
TC = +25°C
--
100
μA
TC = +125°C
--
150
μA
TC = -55°C
--
4.5
mA
CIN-2L
2
Input pin capacitance
2-level inputs
f = 1MHz @ 0V; VDD = Max
8.5
pF
CIN-3L
2
Input pin capacitance
3-level inputs
f = 1MHz @ 0V; VDD = Max
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com