Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT7R995 Datasheet HTML 1Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 2Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 3Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 4Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
PD/DIV
XTAL1
3
TEST
33
3
PLL
/R
PE/HD
FS
3
3
/N
3
3
3
3
3
3
3
3
Phase
Select
Phase
Select
Phase
Select
and /K
Phase
Select
and /M
FB
DS[1:0]
1F[1:0]
2F[1:0]
3F[1:0]
4F[1:0]
LOCK
1Q0
1Q1
2Q0
2Q1
3Q0
3Q1
4Q0
4Q1
VDDQ3
VDDQ4
sOE
Figure 2. UT7R995 & UT7R995C Block Diagram
VDDQ1
NC/XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com