Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 19Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 20Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 21Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 22Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
ORDERING INFORMATION
UT7R995 and UT7R995C:
Lead Finish (Notes 1 & 2):
(A) =
Hot solder dipped
(C)
=
Gold
(X) =
Factory option (gold or solder)
Screening (Notes 3 & 4):
(C)
=
Military Temperature Range flow (-55°C to +125°C)
(P)
=
Prototype flow
(W) =
Extended Industrial Temperature Range Flow (-40°C to +125°C)
Package Type:
(X) =
48-Lead Ceramic Flatpack
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, then the part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Prototype flow per UTMC Manufacturing Flows Document. Tested at 25
°C only. Lead finish is GOLD ONLY. Radiation neither tested nor guaranteed.
4. Military Temperature Range flow per Aeroflex Colorado Springs Manufacturing Flows Document. Devices are tested at -55
°C, room temp, and 125°C. Radiation
neither tested nor guaranteed.
UT7R995 - *
*
*
Lead Finish (Notes 1 & 2):
(A) =
Hot solder dipped
(C)
=
Gold
(X) =
Factory option (gold or solder)
Screening (Notes 3 & 4):
(C)
=
Military Temperature Range flow (-55
°C to +125°C)
(P)
=
Prototype flow
(W) =
Extended Industrial Temperature Range Flow (-40
°C to +125°C)
Package Type:
(X) =
48-Lead Ceramic Flatpack
UT7R995C - *
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com