Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 3Page - Semtech Corporation SC2545TSTRT Datasheet HTML 4Page - Semtech Corporation SC2545TSTRT Datasheet HTML 5Page - Semtech Corporation SC2545TSTRT Datasheet HTML 6Page - Semtech Corporation SC2545TSTRT Datasheet HTML 7Page - Semtech Corporation SC2545TSTRT Datasheet HTML 8Page - Semtech Corporation SC2545TSTRT Datasheet HTML 9Page - Semtech Corporation SC2545TSTRT Datasheet HTML 10Page - Semtech Corporation SC2545TSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
© 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Block Diagram (One PWM channel shown)
PHASE1
OCP
OCP
FB1
OVP
OVP
Oscillator
Ramp
generator
CLK1
Ramp1
S
R
Q
+
3
-
2
PWM
1
PVCC
R
+
-
OUT
R
VCC
+
-
OUT
VIN
ENABLE
0.75V
0.675V
+
-
OUT
-
+
-
OUT
R
S
/Q
Protect 1
AGND
UVLO
PWRGD
Protect 1
FB1
FB2
PVCC
Clamp
0.65V
0.75V
FB
E/A
PHASE
DRVH
BST
DRVL
PVCC
ERROUT
ROSC
SS
FB
10V
LDO
0.75V
EN
ON/OFF
UVLO
VCC
10u A
VCC
+
-
OUT
Protect 1
VCC
Gap 1
Band
Gap 2
Band
ILIM
0.89V
+
-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com