Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 6Page - Semtech Corporation SC2545TSTRT Datasheet HTML 7Page - Semtech Corporation SC2545TSTRT Datasheet HTML 8Page - Semtech Corporation SC2545TSTRT Datasheet HTML 9Page - Semtech Corporation SC2545TSTRT Datasheet HTML 10Page - Semtech Corporation SC2545TSTRT Datasheet HTML 11Page - Semtech Corporation SC2545TSTRT Datasheet HTML 12Page - Semtech Corporation SC2545TSTRT Datasheet HTML 13Page - Semtech Corporation SC2545TSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
The output capacitor provides output current filtering in
steady state and serves as a reservoir during load
transient. The output capacitor can be modeled as an
ideal capacitor in series with its parasitic ESR and ESL
as shown in Figure 4.
Figure 4. An equivalent circuit of output.
If the current through the branch is i
b(t), the voltage
across the terminals will then be

W
L
5
GW
W
GL
/
GW
W
L
&

9
W
Y
E
HVU
W

E
HVO
E
R
R
R



³
This basic equation illustrates the effects of ESR, ESL,
and C
o on the output voltage.
/HVO
&R
5HVU
General Design Procedure for a Step-down Power
Converter
Selection criterias and design procedures for the follow-
ing parameters are described:
1) Output inductor (L) type and value
2) Output capacitor (C
o) type and value
3) Input capacitor (C
in) type and value
4) Power MOSFETs
5) Current sensing and limiting circuit
6) Voltage sensing circuit
7) Loop compensation network
The following step-down converter specifications are
needed:
Input voltage range: V
in,min and Vin,max
Input voltage ripple (peak-to-peak): DV
in
Output voltage: V
o
Output voltage accuracy: e
Output voltage ripple (peak-to-peak): DV
o
Nominal output (load) current: I
o
Maximum output current limit: I
o,max
Output (load) current transient slew rate: dI
o (A/ s)
Circuit efficiency: K
Inductor (L) and Ripple Current
Both step-down controllers in the SC2545 operate in
synchronous continuous-conduction mode (CCM)
regardless of the output load level. The output inductor
selection/design is based on the output DC and transient
requirements. Both output current and voltage ripples
are reduced with larger inductance but it takes longer to
change the inductor current during load transients.
Conversely smaller inductance results in lower DC copper
losses but the AC core losses (flux swing) and the winding
AC resistance losses are higher. A compromise is to
choose the inductance such that peak-to-peak inductor
ripple-current is 20% to 30% of the rated output load
current.
Assuming that the inductor current ripple (peak-to-peak)
value is
*I
o, the inductance value will then be
The peak current in the inductor becomes
(1+ /2)*Io
and the RMS current is
The followings are to be considered when choosing
inductors.
a) Inductor core material: For higher efficiency
applications above 300 kHz, ferrite, Kool-Mu and
polypermalloy materials should be used. Low-cost
powdered iron cores can be used for cost sensitive-
applications below 300 kHz but with attendant higher
core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The
designer can choose the adjacent (larger) standard
inductance value. The inductance varies with
temperature and DC current. It is a good engineering
practice to re-evaluate the resultant current ripple at
the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacitor (C
o) and Vout Ripple



,
,

R
UPV

/
G


I
,
'

9
/
V
R
R
G

G
G
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com