Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 16Page - Semtech Corporation SC2545TSTRT Datasheet HTML 17Page - Semtech Corporation SC2545TSTRT Datasheet HTML 18Page - Semtech Corporation SC2545TSTRT Datasheet HTML 19Page - Semtech Corporation SC2545TSTRT Datasheet HTML 20Page - Semtech Corporation SC2545TSTRT Datasheet HTML 21Page - Semtech Corporation SC2545TSTRT Datasheet HTML 22Page - Semtech Corporation SC2545TSTRT Datasheet HTML 23Page - Semtech Corporation SC2545TSTRT Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
© 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Typical Characteristics
CH1: TG1
CH2: BG1
CH3: TG2
CH4: BG2
Gate waveform
Over current protection (5A/10mV)
Start up.
CH1:TG
CH2:BG
CH3:TG
CH4:BG
Shut down by pulling down EN pin
voltage.
Transient response(0-5A).
CH1:TG
CH2:BG
CH3:VSS
CH4:Vo
“
Peel off “Start up tracking by
tieing SS1 and SS2 together.
CH1:Vi
CH2:Ven
CH3:VSS
CH4:Vo
CH3:Vo
CH4:Io
Vss
Vo1
Vo2
Vss
Vo1
Vo2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com