Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC2545TSTRT Datasheet HTML 1Page - Semtech Corporation SC2545TSTRT Datasheet HTML 2Page - Semtech Corporation SC2545TSTRT Datasheet HTML 3Page - Semtech Corporation SC2545TSTRT Datasheet HTML 4Page - Semtech Corporation SC2545TSTRT Datasheet HTML 5Page - Semtech Corporation SC2545TSTRT Datasheet HTML 6Page - Semtech Corporation SC2545TSTRT Datasheet HTML 7Page - Semtech Corporation SC2545TSTRT Datasheet HTML 8Page - Semtech Corporation SC2545TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless specified: T
A = 25
oC, V
IIN=16V, Fs=200kHz
3DUDPHWHU
7HVW &RQGLWLRQV
0LQ
7\S
0D[
8QLW
(1$%/(
(1 5DPS 8S 7KUHVKROG 9ROWDJH
9
(1 5DPS 'RZQ 7KUHVKROG 9ROWDJH

9
6RIW 6WDUW
6RIW 6WDUW &KDUJH &XUUHQW
X$
6RIW 6WDUW 'LVFKDUJH &XUUHQW

X$
7KUHVKROG 9ROWDJH IRU '59/
2XW RI 7UL6WDWH
3XOO EHORZ WKLV OHYHO WXUQLQJ RQ '59/
7XUQ RQ ORZ VLGH 026)(7

9
(UURU $PSOLILHU
9ROWDJH )HHGEDFN 5HIHUHQFH
7
6
‚&WR ‚&



9
,QSXW %LDV &XUUHQW
X$
2SHQ /RRS *DLQ Ã 

G%
8QLW\ *DLQ %DQGZLGWK  
0+]
2XWSXW 6RXUFH6LQN &XUUHQW

P$
6OHZ 5DWH  
S) FDSDFLWLYH ORDGLQJ

9X6
3:0 &RPSDUDWRU WR 2XWSXW 'HOD\  

Q6
2VFLOODWRU
)UHTXHQF\ 5DQJH SHU SKDVH


N+]
2VFLOODWRU )UHTXHQF\ SHU SKDVH
5RVF N 2+0



N+]
2VFLOODWRU 5DPS 3HDN 9ROWDJH

9
2VFLOODWRU 5DPS 9DOOH\ 9ROWDJH

9
&XUUHQW /LPLW
,/,0 6RXUFH &XUUHQW



X$
,/,0 2IIVHW 9ROWDJH
P9
'XW\ &\FOH
3:0   0D[LPXP 'XW\ &\FOH
5RVF N 2+0

3:0   0LQLPXP 'XW\ &\FOH
5RVF N 2+0




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com