Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 14Page - Semtech Corporation SC2545TSTRT Datasheet HTML 15Page - Semtech Corporation SC2545TSTRT Datasheet HTML 16Page - Semtech Corporation SC2545TSTRT Datasheet HTML 17Page - Semtech Corporation SC2545TSTRT Datasheet HTML 18Page - Semtech Corporation SC2545TSTRT Datasheet HTML 19Page - Semtech Corporation SC2545TSTRT Datasheet HTML 20Page - Semtech Corporation SC2545TSTRT Datasheet HTML 21Page - Semtech Corporation SC2545TSTRT Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Typical Application Circuit
SC2544MLTRT
Vin: 4.5V ~ 28V
Vout: 3.3V/6A and 5V/6A
,5
)


$
4
,5
)


$
4
,5
)


$
4
(1
13
&
13
&
&
X)9
5

.
5
X)9
&
&
X)9 X)9
&
.
5
13
&
X+
/
.
5
X+
/
X)9
&
&
13
&
13
5
5
92
N
5
Q
&
Q
&
Q) &
9,1
,5
)


$
4
92
9,1
X)9
&
.
5
)%
)%
3:*5'
)%
)%
5

& X)9
& X)9
& Q
& Q
& Q)
& X)9
X)9
&
9&&
&
13
5
13
&
13
5
13
5

&
X
)

9
9&&
5

.
5
N
5
13
&
.
5
92
.
5
5 .
5 
& Q)
66
& Q)
5 
13
&

X
)


9
&

X
)


9
&
66
13
&

X
)


9
&

X
)


9
&
9,1
&
13
&
13
9,1

9&&

(1

)%

(55287

66

,/,0

%67

'59+

3+$6(

'59/

3*1'

39&&

'59/

3+$6(

'59+

%67

,/,0

66

(55287

)%

3:5*'

526&

$*1'

6&
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com