Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 7Page - Semtech Corporation SC2545TSTRT Datasheet HTML 8Page - Semtech Corporation SC2545TSTRT Datasheet HTML 9Page - Semtech Corporation SC2545TSTRT Datasheet HTML 10Page - Semtech Corporation SC2545TSTRT Datasheet HTML 11Page - Semtech Corporation SC2545TSTRT Datasheet HTML 12Page - Semtech Corporation SC2545TSTRT Datasheet HTML 13Page - Semtech Corporation SC2545TSTRT Datasheet HTML 14Page - Semtech Corporation SC2545TSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
The first term is the DC voltage across C
o at time t=0.
The second term is the voltage variation caused by the
charge balance between the load and the converter
output. The third term is voltage ripple due to ESL and
the fourth term is the voltage ripple due to ESR. The
total output voltage ripple is then a vector sum of the
last three terms.
Since the inductor current is a triangular waveform with
peak-to-peak value
δ *I
o, the ripple-voltage caused by
inductor current ripples is
,
f
C
8
I
v
s
o
o
C
δ
≈
∆
the ripple-voltage due to ESL is
The voltage rating of aluminum capacitors should be at
least 1.5V
o. The RMS current ripple rating should also
be greater than
Usually it is necessary to have several capacitors of the
same type in parallel to satisfy the ESR requirement.
The voltage ripple caused by the capacitor charge/
discharge should be an order of magnitude smaller than
the voltage ripple caused by the ESR. To guarantee this,
the capacitance should satisfy
.
R
f
2
10
C
esr
s
o
π
>
In many applications, several low ESR ceramic
capacitors are added in parallel with the aluminum
capacitors in order to further reduce ESR and improve
high frequency decoupling. Because the values of
capacitance and ESR are usually different in ceramic and
aluminum capacitors, the following remarks are made
to clarify some practical issues.
,
D
I
f
L
v
o
s
esl
ESL
δ
=
∆
.
I
R
v
o
esr
ESR
δ
=
∆
and the ESR ripple-voltage is
Aluminum capacitors (e.g. electrolytic) have high
capacitances and low ESLs. The ESR has the dominant
effect on the output ripple voltage. It is therefore very
important to minimize the ESR. Other types to choose
are solid OS-CON, POSCAP, and tantalum.
When determining the ESR value, both the steady state
ripple-voltage and the dynamic load transient need to be
considered. To meet the steady state output ripple-
voltage spec, the ESR should satisfy
e1
R
O
sr
O
V
I
δ
∆
〈
To limit the dynamic output voltage overshoot/
undershoot within a (say 3%) of the steady state output
voltage from no load to full load, the ESR value should
satisfy
Then, the required ESR value of the output capacitors
should be
R
esr = min{Resr1,Resr2 }.
.
3
2
I
o
δ
Remark 1: High frequency ceramic capacitors may
not carry most of the ripple current. It also depends on
the capacitor value. Only when the capacitor value is set
properly, the effect of ceramic capacitor low ESR starts
to be significant. For example, if a 10
µ F, 4mΩ ceramic
capacitor is connected in parallel with 2x1500
µ F,
90m Ω electrolytic capacitors, the ripple current in the
ceramic capacitor is only about 42% of the current in the
electrolytic capacitors at the ripple frequency. If a 100
µ F,
2m Ω ceramic capacitor is used, the ripple current in
the ceramic capacitor will be about 4.2 times of that in
the electrolytic capacitors. When two 100
µ F, 2m Ω
ceramic capacitors are used, the current ratio increases
to 8.3. In this case most of the ripple current flows in
the ceramic decoupling capacitor. The ESR of the ceramic
capacitors will then determine the output ripple-voltage.
Remark 2: The total equivalent capacitance of the filter
bank is not simply the sum of all the paralleled capacitors.
The total equivalent ESR is not simply the parallel
combination of all the individual ESR’s either. Instead
they should be calculated using the following formula.
e2
3%
R
O
sr
O
V
I
〈
Applications Information (Cont.)
)
b
1
a
1
b
1
a
1
2
b
1
2
b
1
a
1
2
a
1
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
)
(
eq
C
C
(
C
C
)
C
R
C
R
(
)
C
C
(
C
C
)
R
R
(
C
+
+
ω
+
+
+
ω
+
=
ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com