Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545TSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2545TSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545TSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2545TSTRT Datasheet HTML 10Page - Semtech Corporation SC2545TSTRT Datasheet HTML 11Page - Semtech Corporation SC2545TSTRT Datasheet HTML 12Page - Semtech Corporation SC2545TSTRT Datasheet HTML 13Page - Semtech Corporation SC2545TSTRT Datasheet HTML 14Page - Semtech Corporation SC2545TSTRT Datasheet HTML 15Page - Semtech Corporation SC2545TSTRT Datasheet HTML 16Page - Semtech Corporation SC2545TSTRT Datasheet HTML 17Page - Semtech Corporation SC2545TSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
TTTTTop Switc
op Switc
op Switc
op Switc
op Switch
hh
hh
The RMS value of the top switch current is calculated as
The conduction losses are then
P
tc = IQ1,rms
2
R
ds(on).
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the Si4860 datasheet,
R
ds(on) is less than 8m
Ω when Vgs is greater than 10V.
However R
ds(on) increases by 50% as the junction
temperature increases from 25oC to 110oC.
The switching losses can be estimated using the simple
formula
where t
r is the rise time and tf is the fall time of the
switching process. Different manufactures have different
definitions and test conditions for t
r
and t
f
. To clarify
these, we sketch the typical MOSFET switching
characteristics under clamped inductive mode in Figure
9.
Figure 9. MOSFET switching characteristics
.
f
V
I
)
1
)(
t
t
(
P
s
in
o
2
f
r
2
1
ts
δ
+
+
=
In Figure 9, Q
gs1 is the gate charge needed to bring the
gate-to-source voltage V
gs to the threshold voltage Vgs_th.
Q
gs2 is the additional gate charge required for the switch
current to reach its full-scale value I
ds,
.
and Q
gd is the
charge needed to charge gate-to-drain (Miller) capacitance
when V
ds is falling.
Switching losses occur during the time interval [t
1, t3].
Defining t
r = t3-t1 and tr can be approximated as
.
V
V
R
)
Q
Q
(
t
gsp
cc
gt
gd
2
gs
r
−
+
=
where R
gt is the total resistance from the driver supply
rail to the gate of the MOSFET. It includes the gate driver
internal impedance R
gi, external resistance Rge and the
gate resistance R
g within the MOSFET :
R
gt = Rgi+Rge+Rg.
V
gsp is the Miller plateau voltage shown in Figure 9.
Similarly an approximate expression for t
f is
.
V
R
)
Q
Q
(
t
gsp
gt
gd
2
gs
f
+
=
Only a portion of the total losses P
g = QgVccfs is dissipated
in the MOSFET package. Here Q
g is the total gate charge
specified in the datasheet. The power dissipated within
the MOSFET package is
.
f
V
Q
R
R
P
s
cc
g
gt
g
tg =
Vgs
Miller plateau
Ids
Vds
Vgs th
Qgs1 Qgs2
Qgd
t0
t1
t2
t3
Gate charge
Volts
Vgs
Miller plateau
Ids
Vds
Vgs th
Qgs1 Qgs2
Qgd
t0
t1
t2
t3
Gate charge
Volts
The total power loss of the top switch is then
P
t = Ptc+Pts+Ptg.
If the input supply of the power converter varies over a
wide range, then it will be necessary to weigh the
relative importance of conduction and switching losses.
This is because conduction losses are inversely propor-
tional to the input voltage. Switching loss however
increases with the input voltage. The total power loss
of MOSFET should be calculated and compared for
high-line and low-line cases. The worst case is then
used for thermal design.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com