Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4608 Datasheet HTML 2Page - Semtech Corporation SC4608 Datasheet HTML 3Page - Semtech Corporation SC4608 Datasheet HTML 4Page - Semtech Corporation SC4608 Datasheet HTML 5Page - Semtech Corporation SC4608 Datasheet HTML 6Page - Semtech Corporation SC4608 Datasheet HTML 7Page - Semtech Corporation SC4608 Datasheet HTML 8Page - Semtech Corporation SC4608 Datasheet HTML 9Page - Semtech Corporation SC4608 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
 2006 Semtech Corp.
www.semtech.com
SC4608
POWER MANAGEMENT
Pin Descriptions (Cont.)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
6D
O
O
G
P
d
l
o
h
s
e
r
h
t
d
o
o
g
r
e
w
o
p
e
h
t
w
o
l
e
b
s
i
t
u
p
t
u
o
e
h
t
n
e
h
w
w
o
L
.t
u
p
t
u
o
n
i
a
r
d
n
e
p
o
d
o
o
g
r
e
w
o
P
.l
e
v
e
l
7S
S
t
n
e
d
n
e
p
e
d
n
i
s
i
e
m
it
t
r
a
t
s
tf
o
s
e
h
T
.
e
m
it
t
r
a
t
s
tf
o
s
e
h
t
s
t
e
s
d
n
u
o
r
g
o
t
r
o
ti
c
a
p
a
c
A
.t
r
a
t
s
tf
o
S
l
a
n
r
e
t
x
e
e
h
t
s
i
C
e
r
e
h
W
s
a
d
e
n
if
e
d
s
i
d
n
a
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
s
f
o
.
s
m
n
i
e
m
it
t
r
a
t
s
tf
o
s
e
h
t
s
i
S
S
d
n
a
F
n
n
i
r
o
ti
c
a
p
a
c
8E
S
N
E
S
V
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
s
a
s
e
v
r
e
s
d
n
a
r
e
if
il
p
m
a
e
g
a
tl
o
v
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
e
u
l
a
v
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
n
a
o
t
d
e
r
a
p
m
o
c
s
i
E
S
N
E
S
V
.r
e
t
r
e
v
n
o
c
k
c
u
B
e
h
t
r
o
f
t
n
i
o
p
k
c
a
b
d
e
e
f
.
d
e
r
i
s
e
d
s
i
V
5
.
0
f
o
t
u
p
t
u
o
n
a
n
e
h
w
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
o
t
d
e
r
i
w
d
r
a
h
s
i
E
S
N
E
S
V
.
V
5
.
0
f
o
l
a
c
i
p
y
T
e
h
t
n
i
9
R
d
n
a
7
R
(
y
r
a
s
s
e
c
e
n
s
i
k
r
o
w
t
e
n
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
,
s
e
g
a
tl
o
v
t
u
p
t
u
o
r
e
h
g
i
h
r
o
F
.
)
m
a
r
g
a
i
D
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
9D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
0
1D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
1
1L
V
R
D
s
r
e
v
ir
d
t
u
p
t
u
o
e
h
T
.
T
E
F
S
O
M
)
r
e
if
it
c
e
r
s
u
o
n
o
r
h
c
n
y
s
(
e
d
i
s
w
o
l
e
h
t
f
o
e
t
a
g
e
h
t
s
e
v
ir
d
L
V
R
D
o
t
s
l
a
n
g
i
s
e
v
ir
d
y
r
a
t
n
e
m
e
l
p
m
o
c
s
e
d
i
v
o
r
p
y
r
ti
u
c
r
i
c
M
W
P
e
h
T
.
s
t
n
e
r
r
u
c
k
a
e
p
A
1
r
o
f
d
e
t
a
r
e
r
a
y
b
d
e
t
n
e
v
e
r
p
s
i
s
T
E
F
S
O
M
l
a
n
r
e
t
x
e
e
h
t
f
o
n
o
it
c
u
d
n
o
c
s
s
o
r
c
e
h
T
.
s
e
g
a
t
s
t
u
p
t
u
o
e
h
t
e
m
it
a
h
ti
w
n
o
it
c
n
u
j
n
o
c
n
i
r
i
a
p
T
E
F
S
O
M
e
h
t
f
o
s
n
i
p
r
e
v
ir
d
e
h
t
n
o
e
g
a
tl
o
v
e
h
t
g
n
ir
o
ti
n
o
m
.
s
c
it
s
ir
e
t
c
a
r
a
h
c
ff
o
-
n
r
u
t
T
E
F
r
o
f
d
e
z
i
m
it
p
o
y
a
l
e
d
2
1E
S
A
H
P
e
h
t
s
e
s
u
8
0
6
4
C
S
e
h
T
.
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
n
i
t
n
e
r
r
u
c
ti
m
il
o
t
d
e
s
u
s
i
n
i
p
E
S
A
H
P
e
h
T
V
e
h
t
s
s
o
r
c
a
e
g
a
tl
o
v
N
I
ti
m
il
t
n
e
r
r
u
c
e
h
T
.t
i
m
il
t
n
e
r
r
u
c
e
h
t
t
e
s
o
t
r
e
d
r
o
n
i
n
i
p
T
E
S
I
d
n
a
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
3
R
(
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
f
o
e
u
l
a
v
e
h
t
y
b
t
e
s
s
i
d
l
o
h
s
e
r
h
t
e
s
n
e
s
e
h
t
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
v
e
h
t
g
n
ir
a
p
m
o
c
y
b
d
e
m
r
o
f
r
e
p
s
i
g
n
it
i
m
il
t
n
e
r
r
u
C
.
)
m
a
r
g
a
i
D
e
d
i
s
h
g
i
h
e
h
t
f
o
e
c
n
a
t
s
i
s
e
r
e
c
r
u
o
s
o
t
n
i
a
r
d
e
h
t
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
v
e
h
t
h
ti
w
r
o
t
s
i
s
e
r
o
t
n
i
a
r
d
e
h
t
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
v
e
h
T
.
d
o
ir
e
p
n
o
it
c
u
d
n
o
c
s
’
T
E
F
S
O
M
e
h
t
g
n
ir
u
d
T
E
F
S
O
M
V
e
h
t
m
o
r
f
d
e
n
i
a
t
b
o
s
i
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
f
o
e
c
n
a
t
s
i
s
e
r
e
c
r
u
o
s
N
I
.
n
i
p
E
S
A
H
P
d
n
a
3
1H
V
R
D
d
e
t
a
r
e
r
a
s
r
e
v
ir
d
t
u
p
t
u
o
e
h
T
.
T
E
F
S
O
M
)
h
c
ti
w
s
n
i
a
m
(
e
d
i
s
h
g
i
h
e
h
t
f
o
e
t
a
g
e
h
t
s
e
v
ir
d
H
V
R
D
e
h
t
o
t
s
l
a
n
g
i
s
e
v
ir
d
y
r
a
t
n
e
m
e
l
p
m
o
c
s
e
d
i
v
o
r
p
y
r
ti
u
c
r
i
c
M
W
P
e
h
T
.
s
t
n
e
r
r
u
c
k
a
e
p
A
1
r
o
f
g
n
ir
o
ti
n
o
m
y
b
d
e
t
n
e
v
e
r
p
s
i
s
T
E
F
S
O
M
l
a
n
r
e
t
x
e
e
h
t
f
o
n
o
it
c
u
d
n
o
c
s
s
o
r
c
e
h
T
.
s
e
g
a
t
s
t
u
p
t
u
o
y
a
l
e
d
e
m
it
a
h
ti
w
n
o
it
c
n
u
j
n
o
c
n
i
r
i
a
p
T
E
F
S
O
M
e
h
t
f
o
s
n
i
p
r
e
v
ir
d
e
h
t
n
o
e
g
a
tl
o
v
e
h
t
.
s
c
it
s
ir
e
t
c
a
r
a
h
c
ff
o
-
n
r
u
t
T
E
F
r
o
f
d
e
z
i
m
it
p
o
4
1C
N.
n
o
it
c
e
n
n
o
c
o
N
5
1T
S
B
o
t
s
t
c
e
n
n
o
c
T
S
B
.
T
E
F
S
O
M
e
d
i
s
h
g
i
h
l
e
n
n
a
h
C
-
N
n
a
e
v
ir
d
o
t
r
e
t
r
e
v
n
o
c
e
h
t
s
e
l
b
a
n
e
n
i
p
s
i
h
T
a
o
t
e
g
a
tl
o
v
n
i
p
T
S
B
e
h
t
s
t
s
o
o
b
ti
u
c
r
i
c
p
m
u
p
e
g
r
a
h
c
e
h
T
.t
i
u
c
r
i
c
p
m
u
p
e
g
r
a
h
c
l
a
n
r
e
t
x
e
e
h
t
.
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
f
o
e
t
a
g
e
h
t
g
n
i
v
ir
d
r
o
f
l
e
v
e
l
e
g
a
tl
o
v
e
c
r
u
o
s
-
o
t
-
e
t
a
g
t
n
e
i
c
if
f
u
s
6
1D
D
V
P.
T
E
F
S
O
M
e
d
i
s
w
o
l
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
s
r
e
w
o
P
d
a
P
l
a
m
r
e
h
T
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
.
C
09
.
0
SS
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com